Electronic Components Datasheet Search
  English  ▼

X  

7012 Datasheet(PDF) 17 Page - Christian Bürkert GmbH & Co. KG

Part # 7012
Description  Direct-acting 3/2-way plunger valve
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

7012 Datasheet(HTML) 17 Page - Christian Bürkert GmbH & Co. KG

Back Button 7012 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Type 7012
17 | 26
Visit product website 
7.
Performance specifications
7.1. Power consumption
Standard version, coil size 24.5 mm [0.96 in]
Coil
Orifice
Electrical power
Switching times 1.)
Inrush AC
Hold AC
DC
Opening
Closing
[mm]
[VA]
[VA]
[W]
Cold [W]
Hot [W]
[ms]
[ms]
24 V / DC / 7 W
1.2
–
–
–
7
5.5
8…12
8…12
1.6
2.0
24 V / DC / 5.5 W
1.2
–
–
–
5.5
4.5
1.6
2.0
24 V / 50 Hz / 4 W
1.2
12
6.5
4
–
–
1.6
2.0
230 V / 50 Hz / 4 W
1.2
12
6.5
4
–
–
1.6
2.0
1.) Measurement at + 68 °F, 87 psi 2.) at the valve outlet acc. to DIN ISO 12238:2001, opening: pressure build-up 0…10 %, closing: pressure reduction 100…90 %
2.) Pressure data: overpressure to atmospheric pressure and air as a medium
Standard version, coil size 20 mm [0.79 in]
Coil
Orifice
Electrical power
Switching times 1.)
Inrush AC
Hold AC
DC
Opening
Closing
[mm]
[VA]
[VA]
[W]
Cold [W]
Hot [W]
[ms]
[ms]
24 V / DC / 6.5 W
1.2
–
–
–
6.5
5
8…12
8…12
1.6
2.0
24 V / 50 Hz / 6 W
1.2
11
7
6
–
–
1.6
2.0
230 V / 50 Hz / 6 W
1.2
11
7
6
–
–
1.6
2.0
24 V / DC / 5 W
1.2
–
–
–
5
4
1.6
2.0
24 V / 50 Hz / 4 W
1.2
9
5
4
–
–
1.6
2.0
230 V / 50 Hz / 4 W
1.2
9
5
4
–
–
1.6
2.0
1.) Measurement at + 68 °F, 87 psi 2.) at the valve outlet acc. to DIN ISO 12238:2001, opening: pressure build-up 0…10 %, closing: pressure reduction 100…90 %
2.) Pressure data: overpressure to atmospheric pressure and air as a medium



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com