Electronic Components Datasheet Search
  English  ▼

X  

7012 Datasheet(PDF) 26 Page - Christian Bürkert GmbH & Co. KG

Part # 7012
Description  Direct-acting 3/2-way plunger valve
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

7012 Datasheet(HTML) 26 Page - Christian Bürkert GmbH & Co. KG

Back Button 7012 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 25Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 26Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
Type 7012
26 | 26
Visit product website 
Cable plug Type 2507, form B according to industry standard
Note:
• Dimensions in mm
• Delivery of cable plug includes a flat seal and a fixing screw.
• Refer to data sheet Type 2507  for more information about the cable plug.
Cable plug
Dimensions
Version
Voltage
Article no.
~51
28.6
40.6
~10
8.5
Without circuitry (standard)
2…250 V AC/DC
423845 
With LED
24 V AC/DC
423849 
With LED and free-wheeling
diode
12…24 V AC/DC
423851 
With rectifier, LED and varistor
2…250 V AC/DC
423854 
12…24 V AC/DC
423853 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com