Electronic Components Datasheet Search
  English  ▼

X  

7012 Datasheet(PDF) 23 Page - Christian Bürkert GmbH & Co. KG

Part # 7012
Description  Direct-acting 3/2-way plunger valve
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

7012 Datasheet(HTML) 23 Page - Christian Bürkert GmbH & Co. KG

Back Button 7012 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 25Page - Christian Bürkert GmbH & Co. KG 7012 Datasheet HTML 26Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Type 7012
23 | 26
Visit product website 
Banjo version, coil UL Recognized (cURus)
Note:
• All valves are delivered without a cable plug.
• Coil size 24,5 mm [0.96 in]
• Orifices 1.6 mm and 2.0 mm on request.
Circuit function
Port connection
Orifice
Q
Nn
value air
Voltage/Frequency/
Power
Maximum
duty cycle
Medium pressure 1.)2.)
(MAWP 3.))
Article no.
Ambient temperature
max. + 131 °F resp.
167 °F 4.)
Air
FKM seal
[mm]
[gal/min] [V/Hz/W]
[psi]
CF C
3/2-way solenoid
valve
Direct-acting
Normally closed
2(A)
1(P)
3(R)
BJ01
P: G ⅛
A: G ⅛
1.2
9.2
24 / DC / 7
100 % ED
0…189
20077509 
24 / DC / 5.5
0…167
20070693 
24 / 50 / 4
0…189
20077511 
230 / 50 / 4
0…189
20070709 
1.6
12.7
24 / DC / 7
100 % ED
0…109
o. r.
24 / DC / 5.5
0…87
o. r.
24 / 50 / 4
0…109
o. r.
230 / 50 / 4
0…109
o. r.
2.0
19.8
24 / DC / 7
100 % ED
0…102
o. r.
24 / DC / 5.5
0…80
o. r.
24 / 50 / 4
0…87
o. r.
230 / 50 / 4
0…87
o. r.
BJ02
P: G ¼
A: G ¼
1.2
9.2
24 / DC / 7
100 % ED
0…189
20077512 
24 / DC / 5.5
0…167
20077514 
24 / 50 / 4
0…189
20077516 
230 / 50 / 4
0…189
20077519 
1.6
12.7
24 / DC / 7
100 % ED
0…109
o. r.
24 / DC / 5.5
0…87
o. r.
24 / 50 / 4
0…109
o. r.
230 / 50 / 4
0…109
o. r.
2.0
19.8
24 / DC / 7
100 % ED
0…102
o. r.
24 / DC / 5.5
0…80
o. r.
24 / 50 / 4
0…87
o. r.
230 / 50 / 4
0…87
o. r.
BJ03
P: NPT ¼
A: G ⅛
1.2
9.2
24 / DC / 7
100 % ED
0…189
20077523 
24 / DC / 5.5
0…167
20077564 
24 / 50 / 4
0…189
20077570 
230 / 50 / 4
0…189
20077574 
1.6
12.7
24 / DC / 7
100% ED
0…109
o. r.
24 / DC / 5.5
0…87
o. r.
24 / 50 / 4
0…109
o. r.
230 / 50 / 4
0…109
o. r.
2.0
19.8
24 / DC / 7
100% ED
0…102
o. r.
24 / DC / 5.5
0…80
o. r.
24 / 50 / 4
0…87
o. r.
230 / 50 / 4
0…87
o. r.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com