Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Digital electropneumatic Process Controller SideControl
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  2103 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Type 8793
4 | 31
Visit product website 
1.
General technical data
1.1. Process controller SideControl Type 8793
Product properties
Dimensions
Further information can be found in chapter “3. Dimensions” on page 10.
Material
Housing
Aluminium, plastic-coated
Seal
EPDM, NBR, FKM
Operation
Display
Graphic display with backlight and intuitive menu navigation
Operating keys
Membrane keypad with 4 keys
Service interface
Connected to PC via USB connection
Configuration tool
Bürkert Communicator
PACTware (only for device versions with PROFIBUS)
Commissioning
Initialisation positioner/process
controller
Automatic by P.TUNE function (self-optimization of PID parameters)
Status display
Optical position indicator (mechanical)
Integrated (for NAMUR version)
Communication
Fieldbus
EtherNet/IP, PROFINET, Modbus TCP, PROFIBUS DP-V1
Digital
Bürkert system bus (büS) (based on CANopen)
Performance data
Position sensor
Integrated position sensor (NAMUR)
Conductive plastic rotary potentiometer
External remote position sensor
Linear or rotative
Measuring range for rotary actuator
PROFIBUS
Rotation angle: 30°…150°
EtherNet/IP, PROFINET, Modbus TCP
and büS
Rotation angle: 30°…180°
Stroke range for linear actuator
3…130 mm, depending on the lever of the attachment kit
Electrical data
Operating voltage
24 V DC ± 10 %
Residual ripple
Max. 10 %
Power consumption
< 5 W
Protection class
III according to DIN EN 61140
Input /Output
Digital input
1 digital input, 0…5 V = log “0”, 10…30 V = log “1”
Digital output
2 digital outputs (optional), galvanically isolated
Current limitation
100 mA, output will be synchronised when overloaded
Analogue output
1 output (optional)
0/4…20 mA, 0…5/10 V
In-/Output data setpoint and actual value
Setpoint signal
Setpoint setting
0/4…20 mA
0…5/10 V
Input resistance
0/4…20 mA: 70 Ω
0…5/10 V: 20 kΩ
Actual value signal
Setting 4…20 mA
70 Ω input resistance/resolution 12 bit
Frequency setting
20 kΩ input resistance, 0…1000 Hz/1 ‰ f reading of input frequency range,
input signal > 300 mV
ss sine, rectangle, triangle
Setting Pt 100
Measuring range - 20…+ 220 ºC, resolution < 0.1 ºC
Electrical connection
Multipole version
Screw terminals: M8, M12 according to device version (see connection description)
Cable gland version
2x M20 × 1.5 (cable Ø 6…12 mm) on screw terminals (0.14…1.5 mm²)
Remote version
1x M12 × 1.5 (cable Ø 3…6.5 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com