Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 22 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Digital electropneumatic Process Controller SideControl
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 22 Page - Christian Bürkert GmbH & Co. KG

Back Button 2103 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 25Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 26Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Type 8793
22 | 31
Visit product website 
Connection of analogue remote position sensor, M8 socket, 4-pin (optional)
Pin
Pin assignment
On device side
Outer circuitry
1
Potentiometer 1
1
Potentio-
meter
2
3
2
Wiper 2
3
Potentiometer 3
4
Not assigned
M8 circular plug, 4-pin, process actual value (for Type 8793)
Input type 1.)
Pin
Pin assignment
DIP switch
Outer circuitry
4…20 mA internally
supplied
1
+ 24 V Transmitter supply
Switch on left
1
2
3
4
Transmitter
GND
I
2
Output from transmitter
3
GND identical with GND operating voltage
4
Bridge according to GND
(GND via 3-wire Transmitter)
4…20 mA externally
supplied
1
Not assigned
Switch on right
–
2
Process actual value +
2
4…20 mA
3
Not assigned
–
4
Process actual value –
4
GND
Frequency internally
supplied
1
+ 24 V Sensor supply
Switch on left
1
+ 24 V
2
Clock input +
2
Clock +
3
Clock input – (GND identical with GND
operating voltage)
3
Clock –
4
Not assigned
–
Frequency externally
supplied
1
Not assigned
Switch on right
–
2
Clock input +
2
Clock +
3
Clock input –
3
Clock –
4
Not assigned
–
Pt 100
1
Not assigned
Switch on right
2
3
4
Pt 100
2
Process actual value 1 (power supply)
3
Process actual value 3 (GND)
4
Process actual value 2 (compensation)
1.) Adjustable via software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com