Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 8 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Digital electropneumatic Process Controller SideControl
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 8 Page - Christian Bürkert GmbH & Co. KG

Back Button 2103 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Type 8793
8 | 31
Visit product website 
2.
Approvals and conformities
2.1. General notes
• The approvals and conformities listed below must be stated when making enquiries. This is the only way to ensure that the product
complies with all required specifications.
• Not all available versions can be supplied with the below mentioned approvals or conformities.
2.2. Conformity
In accordance with the Declaration of Conformity, the product is compliant with the EU Directives.
2.3. Standards
The applied standards which are used to demonstrate compliance with the EU Directives are listed in the EU-Type Examination Certificate
and/or the EU Declaration of Conformity.
2.4. Explosion protection
Positioner SideControl Type 8793
Approval
Description
Optional: Explosion protection
ATEX:
BVS 16 ATEX E 118 X
II 3G Ex ec ic IIC T4 Gc
II 3D Ex tc IIIC T135 °C Dc
IECEx:
IECEx BVS 16.0091 X
Ex ec ic IIC T4 Gc
Ex tc IIIC T135 °C Dc
2.5. North America (USA/Canada)
Positioner SideControl Type 8793
Approval
Description
Optional: CSA for Canada and the USA
The products are CSA approved for Canada and the USA according to:
• UL 429 (Electrically operated valves)
• CSA C22.2 No. 139 (Electrically operated valves)
Linear position sensor, remote (ELEMENT Type 8798)
Approval
Description
Optional: UL Listed for the USA and Canada
The products are UL Listed for the USA and Canada according to:
• UL 61010-1 (ELECTRICAL EQUIPMENT FOR MEASUREMENT, CONTROL, AND LABORATORY USE –
Part 1: General Requirements)
• CAN/CSA-C22.2 No. 61010-1
Rotative position sensor, remote (NAMUR Type 8798)
Approval
Description
Optional: UL Listed for the USA and Canada
The products are UL Listed for the USA and Canada according to:
Certificate no.: E226909



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com