Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 16 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Digital electropneumatic Process Controller SideControl
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 16 Page - Christian Bürkert GmbH & Co. KG

Back Button 2103 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Type 8793
16 | 31
Visit product website 
Round plug M8, 4-pin (actual process value)
Symbols for
switch position
Location of switches
Switch on left
Switch on right
Input type 1.)
Pin
Pin assignment
DIP switch
Outer circuitry
4…20 mA internally
supplied
1
+ 24 V transmitter supply
Switch on
the left
1
2
3
4
Transmitter
GND
I
2
Output from transmitter
3
GND identical with GND operating voltage
4
Bridge according to GND
(GND via 3-wire transmitter)
4…20 mA externally
supplied
1
Not assigned
Switch on
the right
–
2
Process actual value +
2
4…20 mA
3
Not assigned
–
4
Process actual value –
4
GND
Frequency internally
supplied
1
+ 24 V sensor supply
Switch on
the left
1
+ 24 V
2
Clock input +
2
Clock +
3
Clock input – (GND identical with GND
operating voltage)
3
Clock –
4
Not assigned
–
Frequency externally
supplied
1
Not assigned
Switch on
the right
–
2
Clock input +
2
Clock +
3
Clock input –
3
Clock –
4
Not assigned
–
Pt 100
1
Not assigned
Switch on
the right
2
3
4
Pt 100
2
Process actual value 1 (power supply)
3
Process actual value 3 (GND)
4
Process actual value 2 (compensation)
1.) Adjustable via Software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com