Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 18 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Digital electropneumatic Process Controller SideControl
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 18 Page - Christian Bürkert GmbH & Co. KG

Back Button 2103 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
Type 8793
18 | 31
Visit product website 
Analogue feedback option/digital outputs
Terminal
Pin assignment
Outer circuitry/Signal level
83 +
Digital outputs 1
83 +
24 V/0 V, NC/NO
Relative to operating voltage GND
(terminal GND)
85 +
Digital outputs 2
85 +
24 V/0 V, NC/NO
Relative to operating voltage GND
(terminal GND)
31 +
Analogue feedback +
31 +
+ (0/4…20 mA or 0…5/10 V)
Completely galvanically isolated
32 –
Analogue feedback GND
32 –
GND analogue feedback
Remote version option in conjunction with remote position sensor Type 8798
Note:
For variants without remote version: Terminals A, B, S + and S - not connected
Terminal
Pin assignment
Outer circuitry/Signal level
Remote
position sensor
A
Serial interface, A-line
A
A-line
Remote
sensor
Type 8798
B
Serial interface, B-line
B
B-line
S +
Sensor supply +
S +
+
S –
Sensor supply –
S –
–
Terminal assignments of the process actual value – input
Input type 1.)
Terminal
Pin assignment
Outer circuitry
4…20 mA internally
supplied
Process actual
value
1
+ 24 V Input Transmitter
1
2
3
GND
Transmitter
GND
2
Output from transmitter
3
Bridge according to GND
(GND from 3-conductor transmitter
4
Not assigned
GND
GND of operating voltage
4…20 mA externally
supplied
Process actual
value
1
Not assigned
2
Process actual value +
2
+ (4…20 mA)
3
Process actual value –
3
GND
4
Not assigned
Frequency internally
supplied
Process actual
value
1
+ 24 V Sensor supply
1
+ 24 V
2
Clock input +
2
Clock +
3
Not assigned
–
4
Clock input –
4
–
GND
GND of operating voltage
GND
Clock – (GND)
Frequency externally
supplied
Process actual
value
1
Not assigned
2
Clock input +
2
Clock +
3
Not assigned
4
Clock input –
4
Clock –
Pt 100
Process actual
value
1
Not assigned
2
3
4
Pt 100
2
Process actual value 1 (power supply)
3
Process actual value 3 (GND)
4
Process actual value 2 (compensation)
1.) Adjustable via software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com