Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Digital electropneumatic Process Controller SideControl
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  2103 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Visit product website 
DATA SHEET
Type 8805
Ball valve / Butterfly valve
with pneumatic rotary
actuator
Type 8202
pH or redox potential
transmitter, ELEMENT
design
Type 8045
Magnetic inductive
Insertion flowmeter
Type 8798
Remote sensor for
pneumatically actuated
process valves
Type 2301
Pneumatically operated
2-way Globe Control
Valve
Type 2300
Pneumatically operated
2-way angle seat control
valve ELEMENT
Type 2103
2/2-way diaphragm valve
with pneumatic stainless
steel actuator (Type ELE-
MENT) for decentralised
automation
Type 8619
multiCELL – Multi-
channel and multi-func-
tion transmitter/controller
Standard | EU | en | 2024 - 03 - 07 | 30
Digital electropneumatic Process Controller SideControl
• Compact and robust design
• Start-up via the TUNE function of the positioner and process controller
• Integrated diagnostic functions for valve monitoring
• Dynamic actuating system with no air consumption in controlled state
• EtherNet/IP, PROFINET, Modbus TCP, PROFIBUS DP-V1 or
Bürkert system bus (büS)
The device Type 8793 digital process controller is designed with standardisation
according to IEC 60534 - 6 - 1 or VDI/VDE 3845 (IEC 60534 - 6 - 2) for assembly to
linear and rotary actuators. The variant with remote position sensor can also be
used to control Bürkert process control valves. The process controller processes
all standard current and voltage signals and can also be equipped with the fieldbus
interface. The actual process value is supplied directly to the device as 4 - 20 mA,
PT100 or as a frequency signal. The process controller calculates the position
setpoint for the subordinated positioner via variance comparison. The parameteri-
sation of process and position controllers can be carried out automatically via the
Tune function. Operation is simple via the graphical display with keypad or via
Bürkert Communicator. The process controller is equipped with diagnostic func-
tions to monitor the valve. The diagnostics can be used to monitor the operating
conditions of the control valve which makes maintenance decisions predictable
and optimises the availability of the plants as required. The pneumatic actuating
system can be used equally for single-acting and double-acting actuators. It is
characterised by a defined safety response in the event of the failure of the electri-
cal or pneumatic auxiliary power and possesses an enormous air capacity range
with pressure supply up to 7 bar.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 8793
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 2103

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2103 POMONA-2103 Datasheet
22Kb / 1P
Phenolic Box With Cover
logo
XFMRS Inc.
2103 XFMRS-2103 Datasheet
440Kb / 6P
HIGH SPEED COMBO MAGNETIC MODULES FOR 10/100BASE-TX APPLICATIONS
logo
Festo Corporation.
2103 FESTO-2103 Datasheet
76Kb / 1P
One-way flow control valve
logo
New Japan Radio
2103 NJRC-2103 Datasheet
291Kb / 9P
SYSTEM RESET IC
logo
Heyco.
2103 HEYCO-2103 Datasheet
133Kb / 1P
Snap Bushings
More results

Similar Description - 2103

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2100 MACOM-2100 Datasheet
285Kb / 3P
Miniature Electropneumatic Timing Relay
7012ADGZ MACOM-7012ADGZ Datasheet
366Kb / 6P
Industrial Electropneumatic Timing Relay
2-1423157-0 MACOM-2-1423157-0 Datasheet
366Kb / 6P
Industrial Electropneumatic Timing Relay
2-1423157-4 MACOM-2-1423157-4 Datasheet
366Kb / 6P
Industrial Electropneumatic Timing Relay
2-1423159-3 MACOM-2-1423159-3 Datasheet
366Kb / 6P
Industrial Electropneumatic Timing Relay
2-1423159-4 MACOM-2-1423159-4 Datasheet
366Kb / 6P
Industrial Electropneumatic Timing Relay
2-1423162-4 MACOM-2-1423162-4 Datasheet
366Kb / 6P
Industrial Electropneumatic Timing Relay
2-1423164-0 MACOM-2-1423164-0 Datasheet
366Kb / 6P
Industrial Electropneumatic Timing Relay
2-1423164-7 MACOM-2-1423164-7 Datasheet
366Kb / 6P
Industrial Electropneumatic Timing Relay
logo
TT Electronics.
DS3020 TTELEC-DS3020 Datasheet
315Kb / 2P
Temperature & Process Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com