Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 19 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Digital electropneumatic Process Controller SideControl
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 19 Page - Christian Bürkert GmbH & Co. KG

Back Button 2103 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Type 8793
19 | 31
Visit product website 
PROFIBUS DP Connection
Actual process value
2
4
3
1
M12 circular connector, 5-pin
(inverse coded, PROFIBUS DP)
1
4
3
2
5
M12 socket, 5-pin
(inverse coded, PROFIBUS DP)
2
3
4
1
5
Functional earth FE
M12 circular connector, 8-pin
3
4
1
2
5
6
7
8
M8 circular connector, 4-pin
Operating voltage, M12 circular plug, 8-pin
Pin
Pin assignment
Outer circuitry/Signal level
1
Not assigned
2
Not assigned
3
4
GND
+ 24 V
3
4
24 V DC ± 10 %
Maximum residual ripple 10 %
5
Digital input +
6
Digital input –
7
Digital outputs 1 (relative to pin 3)
8
Digital outputs 2 (relative to pin 3)
Fieldbus connection, socket/ M12 circular plug, 5-pin
Pin
Pin assignment
Outer circuitry/Signal level
1
VP+ 5
Load resistance supply
2
RxD/TxD-N
Receive/transmit data -N, A-line
3
DGND
Data transfer potential (Ground to 5 V)
4
RxD/TxD-P
Receive/transmit data -P, B-line
5
Shielding
Shielding/functional earth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com