Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 17 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Digital electropneumatic Process Controller SideControl
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 17 Page - Christian Bürkert GmbH & Co. KG

Back Button 2103 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
Type 8793
17 | 31
Visit product website 
Position feedback with proximity switches
Note:
Accessories for upgrading
Proximity switch 1
Proximity switch 2
1
4
3
2
No.
Pin assignment
External circuitry/signal level
1
Supply 10…30 V
+ 10…30 V
10…30 V
2
Switching output (NO)
proximity switches 1
+ 10…30 V
Open/10…30 V
3
GND
GND
GND
4
Switching output (NO)
proximity switches 2
+ 10…30 V
Open/10…30 V
Screw terminal connection
1
2
3
4
+24 V
GND
83 +
85 +
31 +
32 –
11 +
12 –
81 +
S +
S –
A
B
Terminal assignment
A
Terminal
Pin assignment
Outer circuitry/Signal level
11 +
Setpoint +
11 +
+ (0/4…20 mA or 0…5/10 V)
Completely galvanically isolated
12 –
Setpoint GND
12 –
GND
81 +
Digital input +
81 +
+
0…5 V (log. “0”)
10…30 V (log. “1”)
Relative to operating voltage GND
(terminal GND)
+ 24 V
GND
Operating voltage +
Operating voltage GND
+ 24 V
GND
24 V DC ± 10 %
Maximum residual ripple 10 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com