Electronic Components Datasheet Search
  English  ▼

X  

2103 Datasheet(PDF) 12 Page - Christian Bürkert GmbH & Co. KG

Part # 2103
Description  Digital electropneumatic Process Controller SideControl
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

2103 Datasheet(HTML) 12 Page - Christian Bürkert GmbH & Co. KG

Back Button 2103 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 2103 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Type 8793
12 | 31
Visit product website 
3.3. Mounting specification of NAMUR/Remote Version
Note:
• Dimensions in mm
• The rotation angle of the sensor must be within a range of 180°. 1.)
• When opened up to approx. 50 %, the sensor indicator should be in this position.
NAMUR version
25
60
Ø50
4 x M6
4 x M8
1.) Max. 180° are possible for the EtherNet/IP, PROFINET, Modbus TCP and büS variants, max. 150° for the other variants.
Remote version
35
2x M4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com