Electronic Components Datasheet Search
  English  ▼

X  

TMD26353M Datasheet(PDF) 8 Page - OSRAM GmbH

Part # TMD26353M
Description  Miniature Proximity Sensor Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD26353M Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button TMD26353M Datasheet HTML 4Page - OSRAM GmbH TMD26353M Datasheet HTML 5Page - OSRAM GmbH TMD26353M Datasheet HTML 6Page - OSRAM GmbH TMD26353M Datasheet HTML 7Page - OSRAM GmbH TMD26353M Datasheet HTML 8Page - OSRAM GmbH TMD26353M Datasheet HTML 9Page - OSRAM GmbH TMD26353M Datasheet HTML 10Page - OSRAM GmbH TMD26353M Datasheet HTML 11Page - OSRAM GmbH TMD26353M Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
Datasheet, Public
Page 7
[v2-00] 2023-Jan-04
Document Feedback
TMD2635 − Electrical Characteristics
Figure 9:
Far Proximity Photodiode Optical Characteristics, VDD = 1.8V, VDD3 = 3.0V, TA = 25°C (unless
otherwise noted)
Note(s):
1. Representative result by characterization.
2. 3 sigma (σ) variation.
3. Response with no target varies with power supply characteristics and system noise.
Parameter
Conditions
Min
Typ
Max
Unit
Response: Absolute (1)
PGAIN = 1x
PLDRIVE = 7mA
PPULSE = 5 pulses
PPULSE_LEN = 12μs
APC = disabled
TEST9 = 0x07
BINSRCH_TARGET = 31
Post Calibration
Target material: 18% reflective
surface
No glass above module
Target Size: 100mm x 100mm
Target Distance: 10mm
250
333
416
counts
Part to Part variation (1)(2)
Same as Response: absolute
±25
%
Noise (1)(2)
Same as Response: absolute
±2
%
Response: No target (1)(3)
Same as Response: absolute
except no target above the
module
19
30
41
counts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com