Electronic Components Datasheet Search
  English  ▼

X  

TMD26353M Datasheet(PDF) 38 Page - OSRAM GmbH

Part # TMD26353M
Description  Miniature Proximity Sensor Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD26353M Datasheet(HTML) 38 Page - OSRAM GmbH

Back Button TMD26353M Datasheet HTML 34Page - OSRAM GmbH TMD26353M Datasheet HTML 35Page - OSRAM GmbH TMD26353M Datasheet HTML 36Page - OSRAM GmbH TMD26353M Datasheet HTML 37Page - OSRAM GmbH TMD26353M Datasheet HTML 38Page - OSRAM GmbH TMD26353M Datasheet HTML 39Page - OSRAM GmbH TMD26353M Datasheet HTML 40Page - OSRAM GmbH TMD26353M Datasheet HTML 41Page - OSRAM GmbH TMD26353M Datasheet HTML 42Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
Datasheet, Public
Page 37
[v2-00] 2023-Jan-04
Document Feedback
TMD2635 − Soldering & Storage Information
The module has been tested and has demonstrated an ability
to be reflow soldered to a PCB substrate. The solder reflow
profile describes the expected maximum heat exposure of
components during the solder reflow process of product on a
PCB. Temperature is measured on top of component. The
components should be limited to a maximum of three passes
through this solder reflow profile.
Figure 52:
Solder Reflow Profile
Note(s):
1. Tolerance for peak profile temperature (TP) is defined as a supplier minimum and a user maximum.
Profile Feature Preheat / Soak
Sn-Pb Eutectic
Assembly
Pb- Free Assembly
Temperature Min (T smin)
100 °C
150 °C
Temperature Max (T smax)
150 °C
200 °C
Time (ts) from (T smin to T smax)
60 - 120 seconds
60 - 120 seconds
Ramp-up rate (TL to TP)
3 °C/second max.
3 °C/second max
Liquidous temperature (TL)
Time (tL) maintained above TL
183 °C
60 - 150 seconds
217 °C
60 - 150 seconds
Peak package body temperature (TP)
For users TP must not
exceed the
classification temp. of
235 °C. For suppliers TP
must equal or exceed
the classification temp
of 235 °C.
For users TP must not
exceed the
classification temp. of
260 °C. For suppliers TP
must equal or exceed
the classification temp
of 260 °C.
Time (tP)
(1) within 5 °C of the specified classification
temperature (Tc)
20 (1)
30 (1)
Ramp-down rate (TP to TL)
6 °C/second max.
6 °C/second max.
Time 25 °C to peak temperature
6 minutes max.
8 minutes max.
Soldering & Storage
Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com