Electronic Components Datasheet Search
  English  ▼

X  

TMD26353M Datasheet(PDF) 19 Page - OSRAM GmbH

Part # TMD26353M
Description  Miniature Proximity Sensor Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD26353M Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button TMD26353M Datasheet HTML 15Page - OSRAM GmbH TMD26353M Datasheet HTML 16Page - OSRAM GmbH TMD26353M Datasheet HTML 17Page - OSRAM GmbH TMD26353M Datasheet HTML 18Page - OSRAM GmbH TMD26353M Datasheet HTML 19Page - OSRAM GmbH TMD26353M Datasheet HTML 20Page - OSRAM GmbH TMD26353M Datasheet HTML 21Page - OSRAM GmbH TMD26353M Datasheet HTML 22Page - OSRAM GmbH TMD26353M Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
Page 18
Datasheet, Public
Document Feedback
[v2-00] 2023-Jan-04
TMD2635 − Register Description
PCFG1 Register (0x8F)
Figure 24:
PCFG1 Register
The PPULSE_LEN field sets the length (width) of all IR VCSEL
pulses within the proximity cycle. Longer pulses result in
increased proximity range and typically result in less electrical
noise generated in the analog front end.
Addr : 0x8F
PCFG1
Bit
Bit Name
Default
Access
Bit Description
7:5
PPULSE_
LEN
3
(011)
RW
Proximity pulse length.
Value
Pulse Length
0 (000)
1μs
1 (001)
2μs
2 (010)
4μs
3 (011)
8μs
4 (100)
12μs
5 (101)
16μs
6 (110)
24μs
7 (111)
32μs
4
Reserved
0
RW
Reserved. Must be set to default value
3:0
PLDRIVE
0
(0000)
RW
This field sets the drive strength of the IR VCSEL current.
Values are approximate; actual current through VCSEL is
factory trimmed to normalize IR intensity. For lowest part
to part variation, 7mA is recommended.
Value
VCSEL Current
5 (0101)
7mA
6 (0110)
8mA
7 (0111)
9mA
8 (1000)
10mA
All other values
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com