Electronic Components Datasheet Search
  English  ▼

X  

TMD26353M Datasheet(PDF) 24 Page - OSRAM GmbH

Part # TMD26353M
Description  Miniature Proximity Sensor Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD26353M Datasheet(HTML) 24 Page - OSRAM GmbH

Back Button TMD26353M Datasheet HTML 20Page - OSRAM GmbH TMD26353M Datasheet HTML 21Page - OSRAM GmbH TMD26353M Datasheet HTML 22Page - OSRAM GmbH TMD26353M Datasheet HTML 23Page - OSRAM GmbH TMD26353M Datasheet HTML 24Page - OSRAM GmbH TMD26353M Datasheet HTML 25Page - OSRAM GmbH TMD26353M Datasheet HTML 26Page - OSRAM GmbH TMD26353M Datasheet HTML 27Page - OSRAM GmbH TMD26353M Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
Datasheet, Public
Page 23
[v2-00] 2023-Jan-04
Document Feedback
TMD2635 − Register Description
The wait timer is implemented using a down counter.
Wait time = increment x 2.78ms. If PWLONG is enabled (bit 3 in
CFG0), then wait time = increment x 2.78ms x 12
CFG8 Register (0xAA)
Figure 33:
CFG8 Register
Addr : 0xAA
CFG8
Bit
Bit Name
Default
Access
Bit Description
7:2
Reserved
000000
RW
Reserved. Must be set to default value.
1:0
PDSELECT
10
RW
Proximity photodiode selection
Value
Photodiode Selected
00
No photodiode
01
Far photodiode
10
Near photodiode (default)
11
Both photodiodes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com