Electronic Components Datasheet Search
  English  ▼

X  

TMD26353M Datasheet(PDF) 17 Page - OSRAM GmbH

Part # TMD26353M
Description  Miniature Proximity Sensor Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD26353M Datasheet(HTML) 17 Page - OSRAM GmbH

Back Button TMD26353M Datasheet HTML 13Page - OSRAM GmbH TMD26353M Datasheet HTML 14Page - OSRAM GmbH TMD26353M Datasheet HTML 15Page - OSRAM GmbH TMD26353M Datasheet HTML 16Page - OSRAM GmbH TMD26353M Datasheet HTML 17Page - OSRAM GmbH TMD26353M Datasheet HTML 18Page - OSRAM GmbH TMD26353M Datasheet HTML 19Page - OSRAM GmbH TMD26353M Datasheet HTML 20Page - OSRAM GmbH TMD26353M Datasheet HTML 21Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
Page 16
Datasheet, Public
Document Feedback
[v2-00] 2023-Jan-04
TMD2635 − Register Description
PERS Register (0x8C)
Figure 21:
PERS Register
The frequency of consecutive proximity channel results outside
of threshold limits are counted; this count value is compared
against the PPERS value. If the counter is equal to the PPERS
value an interrupt is asserted. Any time a proximity channel
result is inside the threshold values the counter is cleared.
CFG0 Register (0x8D)
Figure 22:
CFG0 Register
Addr:0x8C
PERS
Bit
Bit
Name
Default
Access
Bit Description
7:4
Reserved
0
(0000)
RW
Reserved. Must be set to default value.
3:0
PPERS
0
(0000)
RW
This register sets the proximity persistence filter.
Value
Interrupt
0 (0000)
Every proximity cycle
1 (0001)
Any value outside proximity thresholds
2 (0010)
2 consecutive proximity values out of range
3 (0011)
3 consecutive proximity values out of range
...
...
15 (1111)
15 consecutive proximity values out of range
Addr:0x8D
CFG0
Bit
Bit
Name
Default
Access
Bit Description
7:4
Reserved
0100
RW
Reserved. Must be set to default value.
3PWLONG
0
RW
When PWLONG (PROX Wait Long) is asserted the wait
period as set by PWTIME is increased by a factor of 12.
2:0
Reserved
000
RW
Reserved. Must be set to default value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com