Electronic Components Datasheet Search
  English  ▼

X  

TMD26353M Datasheet(PDF) 18 Page - OSRAM GmbH

Part # TMD26353M
Description  Miniature Proximity Sensor Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD26353M Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button TMD26353M Datasheet HTML 14Page - OSRAM GmbH TMD26353M Datasheet HTML 15Page - OSRAM GmbH TMD26353M Datasheet HTML 16Page - OSRAM GmbH TMD26353M Datasheet HTML 17Page - OSRAM GmbH TMD26353M Datasheet HTML 18Page - OSRAM GmbH TMD26353M Datasheet HTML 19Page - OSRAM GmbH TMD26353M Datasheet HTML 20Page - OSRAM GmbH TMD26353M Datasheet HTML 21Page - OSRAM GmbH TMD26353M Datasheet HTML 22Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
Datasheet, Public
Page 17
[v2-00] 2023-Jan-04
Document Feedback
TMD2635 − Register Description
PCFG0 Register (0x8E)
Figure 23:
PCFG0 Register
The PPULSE field sets the maximum number of IR VCSEL pulses
that may occur in a proximity cycle. The proximity engine will
automatically continue to add IR VCSEL pulses, up to the value
set in PPULSE or if a near-saturation condition occurs if
Automatic Pulse Control (APC) is enabled. The dynamic range
of the sensor is automatically adjusted to detect distant targets
as well as prevent saturation from close targets. This operation
also reduces power consumption because proximity
integration period is automatically shortened when a target is
close to the sensor.
If Automatic Pulse Control (APC) is disabled by setting bit 6 in
CFG6 to 1, then PPULSE always determines the number of
proximity pulses to be transmitted.
Addr : 0x8E
PCFG0
Bit
Bit Name
Default
Access
Bit Description
7:6
PGAIN
2
(10)
RW
This field sets the gain of the proximity IR sensor.
Value
Gain
0 (00)
1x
1 (01)
2x
2 (10)
4x
3 (11)
8x
5:0
PPULSE
15
(001111)
RW
Maximum number of pulses in a single proximity cycle.
Value
Maximum Number of Pulses
0 (00000)
1
1 (00001)
2
2 (00010)
3
...
...
63 (11111)
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com