Electronic Components Datasheet Search
  English  ▼

X  

TMD26353M Datasheet(PDF) 27 Page - OSRAM GmbH

Part # TMD26353M
Description  Miniature Proximity Sensor Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD26353M Datasheet(HTML) 27 Page - OSRAM GmbH

Back Button TMD26353M Datasheet HTML 23Page - OSRAM GmbH TMD26353M Datasheet HTML 24Page - OSRAM GmbH TMD26353M Datasheet HTML 25Page - OSRAM GmbH TMD26353M Datasheet HTML 26Page - OSRAM GmbH TMD26353M Datasheet HTML 27Page - OSRAM GmbH TMD26353M Datasheet HTML 28Page - OSRAM GmbH TMD26353M Datasheet HTML 29Page - OSRAM GmbH TMD26353M Datasheet HTML 30Page - OSRAM GmbH TMD26353M Datasheet HTML 31Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
Page 26
Datasheet, Public
Document Feedback
[v2-00] 2023-Jan-04
TMD2635 − Register Description
POFFSETH Register (0xC1)
Figure 38:
POFFSETH Register
Typically, optical and/or electrical crosstalk negatively
influence proximity operation and results. The
POFFSETL/POFFSETH registers provide a mechanism to remove
system crosstalk from the proximity data. POFFSETL and
POFFSETH contains the magnitude and sign of a value which
adjusts PDATA is generated in the AFE. An offset value in the
range of ± 255 is possible.
CALIB Register (0xD7)
Figure 39:
CALIB Register
Addr : 0xC1
POFFSETH
Bit
Bit Name
Default
Access
Bit Description
7:1
Reserved
0000000
RW
Reserved. Must be set to default value.
0
POFFSETH
0
RW
This register contains the sign portion of proximity offset
adjust value.
Addr : 0xD7
CALIB
Bit
Bit Name
Default
Access
Bit Description
7CALAVG
0
RW
Enables proximity hardware averaging as selected with
PROX_AVG during calibration.
0 = No hardware averaging
1 = Hardware averaging enabled
6
Reserved
0
RW
Reserved. Must be set to default value.
5
ELECTRICAL_
CALIBRATION
0RW
Selects proximity calibration type.
0 = Electrical and optical crosstalk.
1 = Electrical crosstalk only.
4CALPRATE
0
RW
Enables PRATE during calibration. Useful when averaging
is enabled.
0 = PRATE ignored
1 = PRATE applied between averaging samples
3:1
Reserved
000
RW
Reserved. Must be set to default value.
0
START_
OFFSET_CAL
0
RW
Set to 1 to start a calibration sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com