Electronic Components Datasheet Search
  English  ▼

X  

TMD26353M Datasheet(PDF) 23 Page - OSRAM GmbH

Part # TMD26353M
Description  Miniature Proximity Sensor Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD26353M Datasheet(HTML) 23 Page - OSRAM GmbH

Back Button TMD26353M Datasheet HTML 19Page - OSRAM GmbH TMD26353M Datasheet HTML 20Page - OSRAM GmbH TMD26353M Datasheet HTML 21Page - OSRAM GmbH TMD26353M Datasheet HTML 22Page - OSRAM GmbH TMD26353M Datasheet HTML 23Page - OSRAM GmbH TMD26353M Datasheet HTML 24Page - OSRAM GmbH TMD26353M Datasheet HTML 25Page - OSRAM GmbH TMD26353M Datasheet HTML 26Page - OSRAM GmbH TMD26353M Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
Page 22
Datasheet, Public
Document Feedback
[v2-00] 2023-Jan-04
TMD2635 − Register Description
REVID2 Register (0xA6)
Figure 30:
REVID2 Register
SOFTRST Register (0xA8)
Figure 31:
SOFTRST Register
PWTIME Register (0xA9)
Figure 32:
PWTIME Register
Addr : 0xA6
REVID2
Bit
Bit Name
Default
Access
Bit Description
7:4
Reserved
0000
RO
Reserved
3:0
VER_ID
0001 or 1110
RO
Device version number
Addr : 0xA8
SOFTRST
Bit
Bit Name
Default
Access
Bit Description
7:1
Reserved
0000000
RW
Reserved. Must be set to default value.
0SOFTRST
0
RW
Writing a 1 to this bit will cause all registers to be reset to
their default state. This will immediately terminate all
device operation and put the device into the sleep state.
Addr : 0xA9
PWTIME
Bit
Bit Name
Default
Access
Bit Description
7:0
PWTIME
0x00
RW
Value that specifies the wait time in 2.78ms
increments.
Value
Increment
Wait Time
0x00
1
2.78ms (33.4ms)
0x01
2
5.56ms (66.7ms)
0x11
18
50.0ms (600ms)
0x23
36
100ms (1.20s)
0x3F
64
178ms (2.14s)
0xFF
256
712ms (8.54s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com