Electronic Components Datasheet Search
  English  ▼

X  

TSL25203 Datasheet(PDF) 24 Page - OSRAM GmbH

Part # TSL25203
Description  Highly Sensitive Ambient Light Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL25203 Datasheet(HTML) 24 Page - OSRAM GmbH

Back Button TSL25203 Datasheet HTML 20Page - OSRAM GmbH TSL25203 Datasheet HTML 21Page - OSRAM GmbH TSL25203 Datasheet HTML 22Page - OSRAM GmbH TSL25203 Datasheet HTML 23Page - OSRAM GmbH TSL25203 Datasheet HTML 24Page - OSRAM GmbH TSL25203 Datasheet HTML 25Page - OSRAM GmbH TSL25203 Datasheet HTML 26Page - OSRAM GmbH TSL25203 Datasheet HTML 27Page - OSRAM GmbH TSL25203 Datasheet HTML 28Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 69 page
background image
Datasheet, Public
Page 23
[v3-00] 2022-Dec-20
Document Feedback
TSL2520 − Register Overview
STATUS Register
Figure 30:
STATUS
Note(s):
1. Return to the Register Map (0x93).
Addr: 0x93
STATUS
Bit
Field
Reset
Type
Bit Description
7MINT
0
R/W
Modulator Interrupt: Indicates that a modulator interrupt
has occurred because of saturation. Check the STATUS2
register to differentiate between analog or digital
saturation. Writing 1 to this bit clear MINT and all
subsequent interrupts.
6:4
Reserved
0
3AINT
0
R/W
ALS Interrupt. If AIEN is set, this interrupt indicates that an
ALS event that met the programmed ALS thresholds (AILT or
AIHT) and persistence (APERS) occurred. Check the STATUS3
register to differentiate. Writing 1 to this bit clear AINT and
all subsequent interrupts.
2:1
Reserved
0
0SINT
0
R/W
System Interrupt. If SIEN is set, indicates that one or more of
several events has occurred or is complete. The events
related to this interrupt are indicated in the STATUS5
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com