Electronic Components Datasheet Search
  English  ▼

X  

TSL25203 Datasheet(PDF) 27 Page - OSRAM GmbH

Part # TSL25203
Description  Highly Sensitive Ambient Light Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL25203 Datasheet(HTML) 27 Page - OSRAM GmbH

Back Button TSL25203 Datasheet HTML 23Page - OSRAM GmbH TSL25203 Datasheet HTML 24Page - OSRAM GmbH TSL25203 Datasheet HTML 25Page - OSRAM GmbH TSL25203 Datasheet HTML 26Page - OSRAM GmbH TSL25203 Datasheet HTML 27Page - OSRAM GmbH TSL25203 Datasheet HTML 28Page - OSRAM GmbH TSL25203 Datasheet HTML 29Page - OSRAM GmbH TSL25203 Datasheet HTML 30Page - OSRAM GmbH TSL25203 Datasheet HTML 31Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 69 page
background image
Page 26
Datasheet, Public
Document Feedback
[v3-00] 2022-Dec-20
TSL2520 − Register O ver view
STATUS2 Register
Figure 34:
STATUS2
Note(s):
1. Return to the Register Map (0x9D).
Addr: 0x9D
STATUS2
Bit
Field
Reset
Type
Bit Description
7Reserved
0
6
ALS_DATA_
VALID
0R
ALS Data Valid. Indicates that the ALS state has completed a
cycle since either an assertion of AEN or the last readout of the
ALS_STATUS register.
5Reserved
0
4
ALS_DIGITAL_
SATURATION
0R
ALS Digital Saturation. Indicates that a counter value has been
reached that cannot be expressed with the selected data
format defined with ALS_MSB_POSITION. Maximum counter
value also depends on integration time set in the ATIME
register.
3:2
Reserved
0
1
MOD_
ANALOG_
SATURATION1
0R
ALS Analog Saturation of Modulator1. Indicates that the
intensity of ambient light has exceeded the maximum
integration level for the ALS analog circuit.
0
MOD_
ANALOG_
SATURATION0
0R
ALS Analog Saturation of Modulator0. Indicates that the
intensity of ambient light has exceeded the maximum
integration level for the ALS analog circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com