Electronic Components Datasheet Search
  English  ▼

X  

TSL25203 Datasheet(PDF) 47 Page - OSRAM GmbH

Part # TSL25203
Description  Highly Sensitive Ambient Light Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL25203 Datasheet(HTML) 47 Page - OSRAM GmbH

Back Button TSL25203 Datasheet HTML 43Page - OSRAM GmbH TSL25203 Datasheet HTML 44Page - OSRAM GmbH TSL25203 Datasheet HTML 45Page - OSRAM GmbH TSL25203 Datasheet HTML 46Page - OSRAM GmbH TSL25203 Datasheet HTML 47Page - OSRAM GmbH TSL25203 Datasheet HTML 48Page - OSRAM GmbH TSL25203 Datasheet HTML 49Page - OSRAM GmbH TSL25203 Datasheet HTML 50Page - OSRAM GmbH TSL25203 Datasheet HTML 51Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 69 page
background image
Page 46
Datasheet, Public
Document Feedback
[v3-00] 2022-Dec-20
TSL2520 − Register O ver view
MEAS_SEQR_STEP1_MOD_PHDX_SMUX_H Register
Figure 63:
MEAS_SEQR_STEP1_MOD_PHDX_SMUX_H
Note(s):
1. Return to the Register Map (0xDF).
Addr: 0xDF
MEAS_SEQR_STEP1_MOD_PHDX_SMUX_H
Bit
Field
Reset
Type
Bit Description
7:4
MEASUREMENT_
SEQUENCER_AGC_
ASAT_PATTERN
1111b
R/W
Defines the sequencer steps where analog
saturation AGC is enabled for the corresponding
measurement.
The bit pattern does not represent a value but
controls bitwise which sequencer step shall be used.
The leftmost position of “0000” refers to sequencer
step 3, the rightmost refers to sequencer step 0. By
default this feature is enabled for all sequencer
steps.
3:2
MEASUREMENT_
SEQUENCER_STEP1_
MOD_PHD5_SMUX
00b
R/W
Defines connection of photodiode 5 to modulator
for sequencer step 1
00: No connection
01: Modulator 0
10: Modulator 1
1:0
MEASUREMENT_
SEQUENCER_STEP1_
MOD_PHD4_SMUX
11b
R/W
Defines connection of photodiode 4 to modulator
for sequencer step 1
00: No connection
01: Modulator 0
10: Modulator 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com