Electronic Components Datasheet Search
  English  ▼

X  

TSL25203 Datasheet(PDF) 36 Page - OSRAM GmbH

Part # TSL25203
Description  Highly Sensitive Ambient Light Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL25203 Datasheet(HTML) 36 Page - OSRAM GmbH

Back Button TSL25203 Datasheet HTML 32Page - OSRAM GmbH TSL25203 Datasheet HTML 33Page - OSRAM GmbH TSL25203 Datasheet HTML 34Page - OSRAM GmbH TSL25203 Datasheet HTML 35Page - OSRAM GmbH TSL25203 Datasheet HTML 36Page - OSRAM GmbH TSL25203 Datasheet HTML 37Page - OSRAM GmbH TSL25203 Datasheet HTML 38Page - OSRAM GmbH TSL25203 Datasheet HTML 39Page - OSRAM GmbH TSL25203 Datasheet HTML 40Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 69 page
background image
Datasheet, Public
Page 35
[v3-00] 2022-Dec-20
Document Feedback
TSL2520 − Register Overview
CFG7 Register
Figure 44:
CFG7
Note(s):
1. Return to the Register Map (0xA8).
CFG8 Register
Figure 45:
CFG8
Note(s):
1. Return to the Register Map (0xA9).
AGC Number of Samples Registers
Figure 46:
AGC Number of Samples
Note(s):
1. Return to the Register Map (0xAC, 0xAD).
Addr: 0xA8
CFG7
Bit
Field
Reset
Type
Bit Description
7:0
Reserved
0x01
Addr: 0xA9
CFG8
Bit
Field
Reset
Type
Bit Description
7:4
MEASUREMENT_SEQUENCER_
MAX_MOD_GAIN
0xC
R/W
Sets the maximum gain for all channels in all
sequencer steps.
3:0
MEASUREMENT_SEQUENCER_
AGC_PREDICT_MOD_GAIN_
REDUCTION
0x4
R/W
Sets the modulator gain reduction in AGC
predict mode. All channels in the actual
measurement sequence are reduced by the
programmed gain reduction before gain
prediction starts.
Addr
Bit
Field
Reset
Type
Description
0xAC
7:0
AGC_NR_SAMPLES[7:0]
0
R/W
AGC Number of Samples
Sets the time for every AGC
measurement and is calculated as:
agc_atime = (AGC_NR_SAMPLES+1) x
(SAMPLE_TIME+1) x 1.388889μs
0xAD
7:3
Reserved
0
0xAD
2:0
AGC_NR_SAMPLES[10:8]
0R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com