Electronic Components Datasheet Search
  English  ▼

X  

TSL25203 Datasheet(PDF) 31 Page - OSRAM GmbH

Part # TSL25203
Description  Highly Sensitive Ambient Light Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL25203 Datasheet(HTML) 31 Page - OSRAM GmbH

Back Button TSL25203 Datasheet HTML 27Page - OSRAM GmbH TSL25203 Datasheet HTML 28Page - OSRAM GmbH TSL25203 Datasheet HTML 29Page - OSRAM GmbH TSL25203 Datasheet HTML 30Page - OSRAM GmbH TSL25203 Datasheet HTML 31Page - OSRAM GmbH TSL25203 Datasheet HTML 32Page - OSRAM GmbH TSL25203 Datasheet HTML 33Page - OSRAM GmbH TSL25203 Datasheet HTML 34Page - OSRAM GmbH TSL25203 Datasheet HTML 35Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 69 page
background image
Page 30
Datasheet, Public
Document Feedback
[v3-00] 2022-Dec-20
TSL2520 − Register O ver view
CFG2 Register
Figure 39:
CFG2
Note(s):
1. Return to the Register Map (0xA3).
Addr: 0xA3
CFG2
Bit
Field
Reset
Type
Bit Description
7AINT_DIRECT
0
R/W
ALS Interrupt Direct. Enables the direct mode of ALS
interrupt. ALS interrupts are only generated when
ALS_DATA (selected by ALS_THRESHOLD_CHANNEL)
moves over the hysteresis edges (AINT_AILT and
AINT_AIHT). If bit is “0”, interrupts are always
generated if ALS_DATA is above AIHT or below AILT.
The status of the ALS interrupt is directly output on
the INT or GPIO pin if this mode is enabled and either
of those pins are configured to do so according to
the INT_PINMAP and VSYNC_GPIO_PINMAP settings.
6:0
Reserved
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com