Electronic Components Datasheet Search
  English  ▼

X  

TSL25203 Datasheet(PDF) 37 Page - OSRAM GmbH

Part # TSL25203
Description  Highly Sensitive Ambient Light Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL25203 Datasheet(HTML) 37 Page - OSRAM GmbH

Back Button TSL25203 Datasheet HTML 33Page - OSRAM GmbH TSL25203 Datasheet HTML 34Page - OSRAM GmbH TSL25203 Datasheet HTML 35Page - OSRAM GmbH TSL25203 Datasheet HTML 36Page - OSRAM GmbH TSL25203 Datasheet HTML 37Page - OSRAM GmbH TSL25203 Datasheet HTML 38Page - OSRAM GmbH TSL25203 Datasheet HTML 39Page - OSRAM GmbH TSL25203 Datasheet HTML 40Page - OSRAM GmbH TSL25203 Datasheet HTML 41Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 69 page
background image
Page 36
Datasheet, Public
Document Feedback
[v3-00] 2022-Dec-20
TSL2520 − Register O ver view
TRIGGER_MODE Register
Figure 47:
TRIGGER_MODE
Note(s):
1. Return to the Register Map (0xAE).
CONTROL Register
Figure 48:
CONTROL
Note(s):
1. Return to the Register Map (0xB1).
Addr: 0xAE
TRIGGER_MODE
Bit
Field
Reset
Type
Bit Description
7:3
Reserved
0
2:0
MOD_TRIGGER_
TIMING
0R/W
Sets the repetition rate of a modulator or sequencer
measurement. Counting will immediately start or
will wait for the first vsync pulse.
000: OFF
001: Normal = 2.844ms * WTIME
010: Long
= 45.511ms * WTIME
011: Fast
= 88.889μs * WTIME
100: Fastlong = 1.422ms * WTIME
101: vsync
= one vsync per WTIME step
110: Reserved
111: Reserved
Addr: 0xB1
CONTROL
Bit
Field
Reset
Type
Bit Description
7:4
Reserved
0
3SOFT_RESET
0
R/W
Software Reset. If set and executable, the Software
Reset will initialize the device in the same way as
hardware reset. Prior to invoking a SOFT_RESET the
oscillator must be switched on. Set PON=1.
2:1
Reserved
0
0
CLEAR_SAI_ACTIVE
0
R/W
Setting this bit will clear the Sleep After Interrupt
Active SAI_ACTIVE and start measurements if
enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com