Electronic Components Datasheet Search
  English  ▼

X  

TSL25203 Datasheet(PDF) 28 Page - OSRAM GmbH

Part # TSL25203
Description  Highly Sensitive Ambient Light Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL25203 Datasheet(HTML) 28 Page - OSRAM GmbH

Back Button TSL25203 Datasheet HTML 24Page - OSRAM GmbH TSL25203 Datasheet HTML 25Page - OSRAM GmbH TSL25203 Datasheet HTML 26Page - OSRAM GmbH TSL25203 Datasheet HTML 27Page - OSRAM GmbH TSL25203 Datasheet HTML 28Page - OSRAM GmbH TSL25203 Datasheet HTML 29Page - OSRAM GmbH TSL25203 Datasheet HTML 30Page - OSRAM GmbH TSL25203 Datasheet HTML 31Page - OSRAM GmbH TSL25203 Datasheet HTML 32Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 69 page
background image
Datasheet, Public
Page 27
[v3-00] 2022-Dec-20
Document Feedback
TSL2520 − Register Overview
STATUS3 Register
Figure 35:
STATUS3
Note(s):
1. Return to the Register Map (0x9E).
Addr: 0x9E
STATUS3
Bit
Field
Reset
Type
Bit Description
7
AINT_HYST_
STATE_VALID
0R
Indicates that the ALS interrupt hysteresis state
AINT_HYST_STATE is valid. It will get asserted as
soon as the value exceeds the high or the low ALS
interrupt thresholds by APERS times. It is
automatically cleared with AEN or PON set to 0.
6
AINT_HYST_
STATE_RD
0R
This bit indicates the state in the hysteresis defined
with AINT_AILT and AINT_AIHT, Preset of state is
possible before AEN is set. The contents of this
register is forwarded to the INT/VSYNC_GPIO pin in
case of AINT interrupt direct mode.
5AINT_AIHT
0
R/W
ALS Interrupt High. Indicates that an ALS interrupt
occurred because the ALS data exceeded the high
threshold. Writing ‘1’ to this bit clears this interrupt.
4AINT_AILT
0
R/W
ALS Interrupt Low. Indicates that an ALS interrupt
occurred because the ALS data is below the low
threshold. Writing ‘1’ to this bit clears this interrupt.
3
VSYNC_LOST
1
R
Indicates that synchronization is out of sync with
clock provided at vsync pin. Default value is “1”
since device always starts unsynchronized. The
detected vsync clock is not within the expected
range. Please see VSYNC_PERIOD_TARGET for more
details.
2Reserved
0
1
OSC_CALIB_
SATURATION
0R
Indicates that oscillator calibration with the current
values of TRIM_OSC and OSC_TUNE is out of range
abs(TRIM_OSC+OSC_TUNE) > 32.
0
OSC_CALIB_
FINISHED
0
R
Indicates that oscillator calibration is finished.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com