Electronic Components Datasheet Search
  English  ▼

X  

TSL25203 Datasheet(PDF) 32 Page - OSRAM GmbH

Part # TSL25203
Description  Highly Sensitive Ambient Light Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL25203 Datasheet(HTML) 32 Page - OSRAM GmbH

Back Button TSL25203 Datasheet HTML 28Page - OSRAM GmbH TSL25203 Datasheet HTML 29Page - OSRAM GmbH TSL25203 Datasheet HTML 30Page - OSRAM GmbH TSL25203 Datasheet HTML 31Page - OSRAM GmbH TSL25203 Datasheet HTML 32Page - OSRAM GmbH TSL25203 Datasheet HTML 33Page - OSRAM GmbH TSL25203 Datasheet HTML 34Page - OSRAM GmbH TSL25203 Datasheet HTML 35Page - OSRAM GmbH TSL25203 Datasheet HTML 36Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 69 page
background image
Datasheet, Public
Page 31
[v3-00] 2022-Dec-20
Document Feedback
TSL2520 − Register Overview
CFG3 Register
Figure 40:
CFG3
Note(s):
1. Return to the Register Map (0xA4).
Addr: 0xA4
CFG3
Bit
Field
Reset
Type
Bit Description
7:6
Reserved
0
5:4
INT_PINMAP
0
R/W
Interrupt Pin Mapping. Defines internal signal which
is routed to the external INT pin.
00: Default, INTERRUPT
01: AINT_HYST_STATE
10: Reserved, do not use
11: Reserved, do not use
3:2
Reserved
0
1:0
VSYNC_GPIO_PINMAP
0
R/W
Vsync/GPIO Pin Mapping. Defines internal signal
which is routed to the external VSYNC/GPIO pin.
00: Default, VSYNC_GPIO_OUT
01: AINT_HYST_STATE
10: Reserved, do not use
11: Reserved, do not use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com