Electronic Components Datasheet Search
  English  ▼

X  

TSL25203 Datasheet(PDF) 41 Page - OSRAM GmbH

Part # TSL25203
Description  Highly Sensitive Ambient Light Sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL25203 Datasheet(HTML) 41 Page - OSRAM GmbH

Back Button TSL25203 Datasheet HTML 37Page - OSRAM GmbH TSL25203 Datasheet HTML 38Page - OSRAM GmbH TSL25203 Datasheet HTML 39Page - OSRAM GmbH TSL25203 Datasheet HTML 40Page - OSRAM GmbH TSL25203 Datasheet HTML 41Page - OSRAM GmbH TSL25203 Datasheet HTML 42Page - OSRAM GmbH TSL25203 Datasheet HTML 43Page - OSRAM GmbH TSL25203 Datasheet HTML 44Page - OSRAM GmbH TSL25203 Datasheet HTML 45Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 69 page
background image
Page 40
Datasheet, Public
Document Feedback
[v3-00] 2022-Dec-20
TSL2520 − Register O ver view
MEAS_SEQR_RESIDUAL_0 Register
Figure 54:
MEAS_SEQR_RESIDUAL_0
Note(s):
1. Return to the Register Map (0xD2).
MEAS_SEQR_RESIDUAL_1_AND_WAIT Register
Figure 55:
MEAS_SEQR_RESIDUAL_1_AND_WAIT
Note(s):
1. Return to the Register Map (0xD3).
Addr: 0xD2
MEAS_SEQR_RESIDUAL_0
Bit
Field
Reset
Type
Bit Description
7:4
MEASUREMENT_
SEQUENCER_MOD1_
RESIDUAL_ENABLE_
PATTERN
0xF
R/W
Defines if a residual measurement on modulator 1 shall
be executed. The bit pattern does not represent a value
but controls bitwise which sequencer step shall be used.
The leftmost position of “0000” refers to sequencer step
3, the rightmost refers to sequencer step 0. By default a
residual measurement is done in all sequencer steps.
3:0
MEASUREMENT_
SEQUENCER_MOD0_
RESIDUAL_ENABLE_
PATTERN
0xF
R/W
Defines if a residual measurement on modulator 0 shall
be executed. The bit pattern does not represent a value
but controls bitwise which sequencer step shall be used.
The leftmost position of “0000” refers to sequencer step
3, the rightmost refers to sequencer step 0. By default a
residual measurement is done in all sequencer steps.
Addr: 0xD3
MEAS_SEQR_RESIDUAL_1_AND_WAIT
Bit
Field
Reset
Type
Bit Description
7:4
MEASUREMENT_
SEQUENCER_
WAIT_PATTERN
0x1
R/W
Defines if a sequencer step will wait for the modulator trigger
timer to finish as programmed in MOD_TRIGGER_TIMING and
WTIME. At the same time the timer is restarted. In case this bit
is not set, the next sequencer step will start as soon as all
measurements in the prior step are completed.
Please observe that MOD_TRIGGER_TIMING is “0” by default.
In this case the programmed wait pattern is ignored since
measurement time has always priority over wait time.
The bit pattern does not represent a value but controls
bitwise which sequencer step shall be used. The leftmost
position of “0000” refers to sequencer step 3, the rightmost
refers to sequencer step 0. By default the wait is executed for
sequencer step 0 (last sequencer step).
3:0
Reserved
0xF
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com