Electronic Components Datasheet Search
  English  ▼

X  

56F8322 Datasheet(PDF) 121 Page - Freescale Semiconductor, Inc

Part # 56F8322
Description  16-bit Digital Signal Controllers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8322 Datasheet(HTML) 121 Page - Freescale Semiconductor, Inc

Back Button 56F8322 Datasheet HTML 117Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 118Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 119Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 120Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 121Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 122Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 123Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 124Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 125Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 136 page
background image
Analog-to-Digital Converter (ADC) Parameters
56F8322 Technical Data, Rev. 16
Freescale Semiconductor
121
Preliminary
Figure 10-18 Test Clock Input Timing Diagram
Figure 10-19 Test Access Port Timing Diagram
10.15 Analog-to-Digital Converter (ADC) Parameters
Table 10-24 ADC Parameters
Characteristic
Symbol
Min
Typ
Max
Unit
Input voltages
VADIN
VREFL
—VREFH
V
Resolution
RES
12
—
12
Bits
Integral Non-Linearity1
INL
—
+/- 2.4
+/- 3.2
LSB2
Differential Non-Linearity
DNL
—
+/- 0.7
< +1
LSB2
Monotonicity
GUARANTEED
ADC internal clock
fADIC
0.5
—
5
MHz
Conversion range
RAD
VREFL
—VREFH
V
TCK
(Input)
VM
VIL
VM = VIL + (VIH – VIL)/2
tPW
1/fOP
tPW
VM
VIH
Input Data Valid
Output Data Valid
Output Data Valid
tDS
tDH
tDV
tTS
tDV
TCK
(Input)
TDI
(Input)
TDO
(Output)
TDO
(Output)
TDO
(Output)
TMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com