Electronic Components Datasheet Search
  English  ▼

X  

56F8322 Datasheet(PDF) 122 Page - Freescale Semiconductor, Inc

Part # 56F8322
Description  16-bit Digital Signal Controllers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8322 Datasheet(HTML) 122 Page - Freescale Semiconductor, Inc

Back Button 56F8322 Datasheet HTML 118Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 119Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 120Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 121Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 122Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 123Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 124Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 125Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 126Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 136 page
background image
56F8322 Techncial Data, Rev. 16
122
Freescale Semiconductor
Preliminary
ADC channel power-up time
tADPU
56
16
tAIC cycles
3
ADC reference circuit power-up time4
tVREF
——25
ms
Conversion time
tADC
—6
—
tAIC cycles
3
Sample time
tADS
—1
—
tAIC cycles
3
Input capacitance
CADI
—5
—
pF
Input injection current5, per pin
IADI
——
3
mA
Input injection current, total
IADIT
——20
mA
VREFH current
IVREFH
—1.2
3
mA
ADC A current
IADCA
—25
—
mA
ADC B current
IADCB
—25
—
mA
Quiescent current
IADCQ
—010
μA
Uncalibrated Gain Error (ideal)
EGAIN
—
+/- .004
+/- .01
—
Uncalibrated Offset Voltage
VOFFSET
—
+/- 26
+/- 32
mV
Calibrated Absolute Error6
AECAL
—See Figure 10-20
—
LSBs
Calibration Factor 17
CF1
—
0.008597
—
—
Calibration Factor 27
CF2
—
-2.8
—
—
Crosstalk between channels
——
-60
—
dB
Common Mode Voltage
Vcommon
—(VREFH - VREFLO) / 2
—
V
Signal-to-noise ratio
SNR
—
64.6
—
db
Signal-to-noise plus distortion ratio
SINAD
—
59.1
—
db
Total Harmonic Distortion
THD
—
60.6
—
db
Spurious Free Dynamic Range
SFDR
—
61.1
—
db
Effective Number Of Bits8
ENOB
—
9.6
—
Bits
1. INL measured from Vin = .1VREFH to Vin = .9VREFH
10% to 90% Input Signal Range
2. LSB = Least Significant Bit
3. ADC clock cycles
4. Assumes each voltage reference pin is bypassed with 0.1
μF ceramic capacitors to ground
5. The current that can be injected or sourced from an unselected ADC signal input without impacting the performance of
the ADC. This allows the ADC to operate in noisy industrial environments where inductive flyback is possible.
6. Absolute error includes the effects of both gain error and offset error.
7. Please see the 56F8300 Peripheral User’s Manual for additional information on ADC calibration.
8. ENOB = (SINAD - 1.76)/6.02
Table 10-24 ADC Parameters (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com