Electronic Components Datasheet Search
  English  ▼

X  

56F8322 Datasheet(PDF) 124 Page - Freescale Semiconductor, Inc

Part # 56F8322
Description  16-bit Digital Signal Controllers
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8322 Datasheet(HTML) 124 Page - Freescale Semiconductor, Inc

Back Button 56F8322 Datasheet HTML 120Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 121Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 122Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 123Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 124Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 125Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 126Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 127Page - Freescale Semiconductor, Inc 56F8322 Datasheet HTML 128Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 136 page
background image
56F8322 Techncial Data, Rev. 16
124
Freescale Semiconductor
Preliminary
10.16 Equivalent Circuit for ADC Inputs
Figure 10-21 illustrates the ADC input circuit during sample and hold. S1 and S2 are always open/closed
at the same time that S3 is closed/open. When S1/S2 closed & S3 open, one input of the sample and hold
circuit moves to (VREFH-VREFLO)/2, while the other charges to the analog input voltage. When the
switches are flipped, the charge on C1 and C2 are averaged via S3, with the result that a single-ended
analog input is switched to a differential voltage centered about (VREFH-VREFLO)/2. The switches switch
on every cycle of the ADC clock (open one-half ADC clock, closed one-half ADC clock). Note that there
are additional capacitances associated with the analog input pad, routing, etc., but these do not filter into
the S/H output voltage, as S1 provides isolation during the charge-sharing phase.
One aspect of this circuit is that there is an on-going input current, which is a function of the analog input
voltage, VREF and the ADC clock frequency.
1.
Parasitic capacitance due to package, pin-to-pin and pin-to-package base coupling; 1.8pf
2.
Parasitic capacitance due to the chip bond pad, ESD protection devices and signal routing; 2.04pf
3.
Equivalent resistance for the ESD isolation resistor and the channel select mux; 500 ohms
4.
Sampling capacitor at the sample and hold circuit. Capacitor C1 is normally disconnected from the input and is only
connected to it at sampling time; 1pf
Figure 10-21 Equivalent Circuit for A/D Loading
10.17 Power Consumption
See Section 10.1 for a list of IDD requirements for the device. This section provides additional detail
which can be used to optimize power consumption for a given application.
Power consumption is given by the following equation:
A, the internal [static component], is comprised of the DC bias currents for the oscillator, leakage currents,
PLL, and voltage references. These sources operate independently of processor state or operating
frequency.
B, the internal [state-dependent component], reflects the supply current required by certain on-chip
resources only when those resources are in use. These include RAM, Flash memory and the ADCs.
Total power =
A: internal [static component]
+B: internal [state-dependent component]
+C: internal [dynamic component]
+D: external [dynamic component]
+E: external [static]
1
2
3
Analog Input
4
S1
S2
S3
C1
C2
S/H
C1 = C2 = 1pF
(VREFH- VREFLO )/ 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com