Electronic Components Datasheet Search
  English  ▼

X  

ADP3192A Datasheet(PDF) 6 Page - Analog Devices

Part # ADP3192A
Description  8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3192A Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP3192A Datasheet HTML 2Page - Analog Devices ADP3192A Datasheet HTML 3Page - Analog Devices ADP3192A Datasheet HTML 4Page - Analog Devices ADP3192A Datasheet HTML 5Page - Analog Devices ADP3192A Datasheet HTML 6Page - Analog Devices ADP3192A Datasheet HTML 7Page - Analog Devices ADP3192A Datasheet HTML 8Page - Analog Devices ADP3192A Datasheet HTML 9Page - Analog Devices ADP3192A Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ADP3192A
Rev. 0 | Page 6 of 32
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VCC
−0.3 V to +6 V
FBRTN
−0.3 V to +0.3 V
PWM3 to PWM4, RAMPADJ
−0.3 V to VCC + 0.3 V
SW1 to SW4
−5 V to +25 V
<200 ns
−10 V to +25 V
All Other Inputs and Outputs
−0.3 V to VCC + 0.3 V
Storage Temperature Range
−65°C to +150°C
Operating Ambient Temperature Range
0°C to 85°C
Operating Junction Temperature
125°C
Thermal Impedance (θJA)
39°C/W
Lead Temperature
Soldering (10 sec)
300°C
Infrared (15 sec)
260°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Absolute maximum ratings apply individually only, not in
combination. Unless otherwise specified, all other voltages
referenced to GND.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com