Electronic Components Datasheet Search
  English  ▼

X  

ADP3192A Datasheet(PDF) 25 Page - Analog Devices

Part # ADP3192A
Description  8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3192A Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP3192A Datasheet HTML 21Page - Analog Devices ADP3192A Datasheet HTML 22Page - Analog Devices ADP3192A Datasheet HTML 23Page - Analog Devices ADP3192A Datasheet HTML 24Page - Analog Devices ADP3192A Datasheet HTML 25Page - Analog Devices ADP3192A Datasheet HTML 26Page - Analog Devices ADP3192A Datasheet HTML 27Page - Analog Devices ADP3192A Datasheet HTML 28Page - Analog Devices ADP3192A Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
ADP3192A
Rev. 0 | Page 25 of 32
COMP PIN RAMP
For the ADP3192A, the maximum COMP voltage (VCOMP(MAX))
is 4.0 V, and the COMP pin bias voltage (VBIAS) is 1.1 V. In
this example, the maximum duty cycle is 0.61 and the peak
current is 62 A.
A ramp signal on the COMP pin is due to the droop voltage
and output voltage ramps. This ramp amplitude adds to the
internal ramp to produce the following overall ramp signal
at the PWM input:
()
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
×
×
×
−
×
−
=
O
X
SW
R
RT
R
C
f
n
D
n
V
V
1
2
1
(30)
The limit of the peak per-phase current described earlier during
the secondary current limit is determined by
()
()
MAX
DS
D
BIAS
CLAMPED
COMP
PHLIM
R
A
V
V
I
×
−
≅
(34)
For the ADP3192A, the current balancing amplifier gain (AD) is
5 and the clamped COMP pin voltage is 2 V. Using an RDS(MAX)
of 2.8 mΩ (low-side on resistance at 150°C) results in a per-phase
peak current limit of 64 A. This current level can be reached only
with an absolute short at the output and only if the current-limit
latch-off function shuts down the regulator before overheating
can occur.
In this example, the overall ramp signal is 0.46 V. However,
if the ramp size is smaller than 0.5 V, increase the ramp size
to be at least 0.5 V by decreasing the ramp resistor for noise
immunity. Because there is only 0.46 V initially, a ramp resistor
value of 332 kΩ is chosen for this example, yielding an overall
ramp of 0.51 V.
CURRENT-LIMIT SETPOINT
FEEDBACK LOOP COMPENSATION DESIGN
To select the current-limit setpoint, first find the resistor value
for RLIM. The current-limit threshold for the ADP3192A is set
with a constant current source flowing out of the ILIMIT pin,
which sets up a voltage (VLIM) across RLIM with a gain of
82.6 mV/V (ALIM). Thus, increasing RLIM now increases the
current limit. RLIM can be found using
Optimized compensation of the ADP3192A allows the best
possible response of the regulator output to a load change.
REF
CSA
LIM
ILIMIT
LIM
CL
LIM
R
R
I
I
A
V
R
×
×
=
×
=
mV
6
.
82
(31)
The basis for determining the optimum compensation is to
make the regulator and output decoupling appear as an output
impedance that is entirely resistive over the widest possible
frequency range, including dc, and equal to the droop
resistance (RO). With the resistive output impedance, the output
voltage droops in proportion to the load current at any load
current slew rate. This ensures optimal positioning and
minimizes the output decoupling.
Here, ILIM is the peak average current limit for the supply output.
The peak average current is the dc current limit plus the output
ripple current. In this example, choosing a dc current limit of
159 A and having a ripple current of 11 A gives an ILIM of 170 A.
This results in an RLIM = 205.8 kΩ, for which 205 kΩ is chosen
as the nearest 1% value.
Because of the multimode feedback structure of the ADP3192A,
the feedback compensation must be set to make the converter
output impedance work in parallel with the output decoupling
to make the load look entirely resistive. Compensation is
needed for several poles and zeros created by the output
inductor and the decoupling capacitors (output filter).
The per-phase initial duty cycle limit and peak current during a
load step are determined by
()
RT
BIAS
MAX
COMP
MAX
V
V
V
D
D
−
×
=
(32)
(
)
L
V
V
f
D
I
VID
IN
SW
MAX
PHMAX
−
×
≅
(33)
A type three compensator on the voltage feedback is adequate
for proper compensation of the output filter. Equation 35 to
Equation 39 are intended to yield an optimal starting point for
the design; some adjustments may be necessary to account for
PCB and component parasitic effects (see the Tuning the
ADP3192A section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com