Electronic Components Datasheet Search
  English  ▼

X  

ADP3192A Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3192A
Description  8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3192A Datasheet(HTML) 1 Page - Analog Devices

  ADP3192A Datasheet HTML 1Page - Analog Devices ADP3192A Datasheet HTML 2Page - Analog Devices ADP3192A Datasheet HTML 3Page - Analog Devices ADP3192A Datasheet HTML 4Page - Analog Devices ADP3192A Datasheet HTML 5Page - Analog Devices ADP3192A Datasheet HTML 6Page - Analog Devices ADP3192A Datasheet HTML 7Page - Analog Devices ADP3192A Datasheet HTML 8Page - Analog Devices ADP3192A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
8-Bit Programmable 2- to 4-Phase
Synchronous Buck Controller
ADP3192A
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Selectable 2-, 3-, or 4-phase operation at up to
1 MHz per phase
±7.7 mV worst-case differential sensing error over
temperature
Logic-level PWM outputs for interface to external high
power drivers
Fast enhanced PWM (FEPWM) flex mode for excellent load
transient performance
Active current balancing between all output phases
Built-in power-good/crowbar blanking supports on-the-fly
VID code changes
Digitally programmable 0.5 V to 1.6 V output supports both
VR10.x and VR11 specifications
Programmable short-circuit protection with programmable
latch-off delay
APPLICATIONS
Desktop PC power supplies for next generation
Intel® processors
VRM modules
FUNCTIONAL BLOCK DIAGRAM
SHUNT
REGULATOR
VID DAC
DAC
+ 150mV
850mV
DAC
– 350mV
CSREF
2/3/4-PHASE
DRIVER LOGIC
EN
SET
18
1
2
10
9
8
11
7
20
5
3
40
–
+
–
+
UVLO
SHUTDOWN
19
30
29
28
27
25
24
23
22
17
15
16
21
4
14
6
BOOT
VOLTAGE
AND
SOFT START
CONTROL
THERMAL
THROTTLING
CONTROL
DELAY
RESET
RESET
RESET
RESET
VID7
32
VID6
33
VID5
34
VID4
35
VID3
36
VID2
37
VID1
38
VID0
39
ADP3192A
+
–
CMP
+
–
CMP
+
–
CMP
+
–
CMP
CROWBAR
CURRENT
LIMIT
CURRENT
MEASUREMENT
AND LIMIT
PRECISION
REFERENCE
31
12
13
+
–
GND
EN
DELAY
ILIMIT
PWRGD
COMP
FBRTN
VIDSEL
IREF
TTSENSE
VRHOT
VRFAN
PWM2
PWM3
PWM4
SW3
SW2
SW1
CSREF
CSCOMP
SW4
CSSUM
FB
PWM1
SS
LLSET
IMON
OD
VCC
RAMPADJ
RT
OSCILLATOR
Figure 1.
GENERAL DESCRIPTION
The ADP3192A1 is a highly efficient, multiphase, synchronous
buck-switching regulator controller optimized for converting a
12 V main supply into the core supply voltage required by high
performance Intel processors. It uses an internal 8-bit DAC to read
a voltage identification (VID) code directly from the processor,
which is used to set the output voltage between 0.5 V and 1.6 V.
This device uses a multimode PWM architecture to drive the
logic-level outputs at a programmable switching frequency that
can be optimized for VR size and efficiency. The phase relation-
ship of the output signals can be programmed to provide 2-, 3-,
or 4-phase operation, allowing for the construction of up to
four complementary buck-switching stages.
The ADP3192A also includes programmable no load offset and
slope functions to adjust the output voltage as a function of the
load current, optimally positioning it for a system transient. In
addition, the ADP3192A provides accurate and reliable short-
circuit protection, adjustable current limiting, and a delayed
power-good output that accommodates on-the-fly output
voltage changes requested by the CPU.
The ADP3192A has a built-in shunt regulator that allows the part
to be connected to the 12 V system supply through a series resistor.
The ADP3192A is specified over the extended commercial
temperature range of 0°C to 85°C and is available in a
40-lead LFCSP.
1 Protected by U.S. Patent Number 6,683,441; other patents pending.


Similar Part No. - ADP3192A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3192 AD-ADP3192 Datasheet
1Mb / 32P
8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
6/06-Revision 0
ADP3192JCPZ-RL AD-ADP3192JCPZ-RL Datasheet
1Mb / 32P
8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
6/06-Revision 0
More results

Similar Description - ADP3192A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3189 AD-ADP3189 Datasheet
1Mb / 36P
8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
7/05-Revision 0
logo
Fairchild Semiconductor
FAN5031 FAIRCHILD-FAN5031 Datasheet
424Kb / 3P
8-Bit Programmable, 2 to 4 Phase, Synchronous Buck Controller
logo
Analog Devices
ADP3192 AD-ADP3192 Datasheet
1Mb / 32P
8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
6/06-Revision 0
ADP3198 AD-ADP3198 Datasheet
1Mb / 32P
8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
8/06-Rev. 0 to Rev. A.
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029_07 Datasheet
139Kb / 3P
8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
FAN5032 FAIRCHILD-FAN5032 Datasheet
479Kb / 6P
8-Bit Programmable 2 to 4 Phase Synchronous Buck Controller
logo
Analog Devices
ADP3193A AD-ADP3193A Datasheet
1,007Kb / 32P
8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
5/07-Revision 0
logo
ON Semiconductor
ADP3193A ONSEMI-ADP3193A Datasheet
577Kb / 29P
8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
February 2008 ??Rev. 1
ADP3198 ONSEMI-ADP3198 Datasheet
634Kb / 31P
8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
January 2008 ??Rev. 2
ADP3290 ONSEMI-ADP3290 Datasheet
534Kb / 30P
8-Bit, Programmable 2- to 4-Phase Synchronous Buck Controller
July, 2009 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com