Electronic Components Datasheet Search
  English  ▼

X  

ADP3192A Datasheet(PDF) 20 Page - Analog Devices

Part # ADP3192A
Description  8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3192A Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP3192A Datasheet HTML 16Page - Analog Devices ADP3192A Datasheet HTML 17Page - Analog Devices ADP3192A Datasheet HTML 18Page - Analog Devices ADP3192A Datasheet HTML 19Page - Analog Devices ADP3192A Datasheet HTML 20Page - Analog Devices ADP3192A Datasheet HTML 21Page - Analog Devices ADP3192A Datasheet HTML 22Page - Analog Devices ADP3192A Datasheet HTML 23Page - Analog Devices ADP3192A Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
ADP3192A
Rev. 0 | Page 20 of 32
If the resulting ripple voltage is less than what is designed for,
the inductor can be made smaller until the ripple value is met.
This allows optimal transient response and minimum output
decoupling.
The smallest possible inductor should be used to minimize
the number of output capacitors. For this example, choosing a
320 nH inductor is a good starting point and gives a calculated
ripple current of 11 A. The inductor should not saturate at the
peak current of 35.5 A and should be able to handle the sum of
the power dissipation caused by the average current of 30 A in
the winding and core loss.
Another important factor in the inductor design is the dc
resistance (DCR), which is used for measuring the phase currents.
A large DCR can cause excessive power loss, though too small a
value can lead to increased measurement error. A good rule is
to have the DCR (RL) be about 1 to 1½ times the droop resistance
(RO). This example uses an inductor with a DCR of 1.4 mΩ.
Designing an Inductor
Once the inductance and DCR are known, the next step is to
either design an inductor or find a standard inductor that comes
as close as possible to meeting the overall design goals. It is also
important to have the inductance and DCR tolerance specified
to control the accuracy of the system. Reasonable tolerances
most manufacturers can meet are 15% inductance and 7% DCR
at room temperature. The first decision in designing the inductor
is choosing the core material. Several possibilities for providing
low core loss at high frequencies include the powder cores (from
Micrometals, Inc., for example, or Kool Mu® from MAGNETICS®)
and the gapped soft ferrite cores (for example, 3F3 or 3F4 from
Philips®). Low frequency powdered iron cores should be avoided
due to their high core loss, especially when the inductor value is
relatively low, and the ripple current is high.
The best choice for a core geometry is a closed-loop type, such
as a potentiometer core (PQ, U, or E core) or toroid. A good
compromise between price and performance is a core with
a toroidal shape.
Many useful magnetics design references are available for
quickly designing a power inductor, such as
•
Intusoft Magnetics Designer Software
•
Designing Magnetic Components for High Frequency dc-dc
Converters
, by Colonel Wm. T. McLyman,
Kg Magnetics, Inc., ISBN 1883107008
Selecting a Standard Inductor
The following power inductor manufacturers can provide design
consultation and deliver power inductors optimized for high
power applications upon request:
•
Coilcraft®
•
Coiltronics®
•
Sumida Corporation®
CURRENT SENSE AMPLIFIER
Most designs require the regulator output voltage, measured at
the CPU pins, to drop when the output current increases. The
specified voltage drop corresponds to a dc output resistance (RO),
also referred to as a load line. The ADP3192A has the flexibility
of adjusting RO, independent of current-limit or compensation
components, and it can also support CPUs that do not require
a load line.
For designs requiring a load line, the impedance gain of the
CS amplifier (RCSA) must be to be greater than or equal to the load
line. All designs, whether they have a load line or not, should
keep RCSA ≥ 1 mΩ.
The output current is measured by summing the voltage across
each inductor and passing the signal through a low-pass filter.
This summer filter is the CS amplifier configured with resistors
RPH(X) (summers), and RCS and CCS (filter). The impedance gain
of the regulator is set by the following equations, where RL is the
DCR of the output inductors:
()
L
X
PH
CS
CSA
R
R
R
R
×
=
(6)
CS
L
CS
R
R
L
C
×
=
(7)
The user has the flexibility to choose either RCS or RPH(X). However,
it is best to select RCS equal to 100 kΩ, and then solve for RPH(X)
by rearranging Equation 6. Here, RCSA = RO = 1 mΩ because this
is equal to the design load line.
()
()
Ω
k
140
Ω
k
100
mΩ
0
.
1
Ω
m
4
.
1
=
×
=
×
=
X
PH
CS
CSA
L
X
PH
R
R
R
R
R
Next, use Equation 7 to solve for CCS.
nF
8
2
.
2
Ω
k
100
Ω
m
4
.
1
nH
320
=
×
=
CS
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com