Electronic Components Datasheet Search
  English  ▼

X  

ADP3192A Datasheet(PDF) 28 Page - Analog Devices

Part # ADP3192A
Description  8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3192A Datasheet(HTML) 28 Page - Analog Devices

Back Button ADP3192A Datasheet HTML 24Page - Analog Devices ADP3192A Datasheet HTML 25Page - Analog Devices ADP3192A Datasheet HTML 26Page - Analog Devices ADP3192A Datasheet HTML 27Page - Analog Devices ADP3192A Datasheet HTML 28Page - Analog Devices ADP3192A Datasheet HTML 29Page - Analog Devices ADP3192A Datasheet HTML 30Page - Analog Devices ADP3192A Datasheet HTML 31Page - Analog Devices ADP3192A Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
ADP3192A
Rev. 0 | Page 28 of 32
An additional fixed resistor in parallel with the thermistor allows
tuning of the trip point temperatures to match the hottest tem-
perature in the VR when the thermistor itself is directly sensing
a proportionately lower temperature. Setting this resistor value
is best accomplished with a variable resistor during thermal
validation and then fixing this value for the final design.
Additionally, a 0.1 μF capacitor should be used for filtering noise.
SHUNT RESISTOR DESIGN
The ADP3192A uses a shunt to generate 5 V from the 12 V
supply range. A trade-off can be made between the power
dissipated in the shunt resistor and the UVLO threshold.
Figure 16 shows the typical resistor value needed to realize
certain UVLO voltages. It also gives the maximum power
dissipated in the shunt resistor for these UVLO voltages.
550
150
7.0
11.0
VIN (UVLO)
500
450
400
350
300
250
200
0.50
0.10
0.45
0.40
0.35
0.30
0.25
0.20
0.15
7.5
8.0
8.5
9.0
9.5
10.0
10.5
RSHUNT
PSHUNT
Figure 16. Typical Shunt Resistor Value and Power Dissipation
for Different UVLO Voltage
The maximum power dissipated is calculated using Equation 45.
(
)
SHUNT
MIN
CC
MAX
IN
MAX
R
V
V
P
2
)
(
)
(
−
=
(45)
where:
VIN(MAX)
is the maximum voltage from the 12 V input supply (if
the 12 V input supply is 12 V ± 5%, VIN(MAX) = 12.6 V; if the 12 V
input supply is 12 V ± 10%, VIN(MAX) = 13.2 V).
VCC(MIN)
is the minimum VCC voltage of the ADP3192A. This is
specified as 4.75 V.
RSHUNT
is the shunt resistor value.
The CECC standard specification for power rating in surface-
mount resistors is: 0603 = 0.1 W, 0805 = 0.125 W, 1206 = 0.25 W.
TUNING THE ADP3192A
1.
Build a circuit based on the compensation values
computed from the design spreadsheet.
2.
Hook up the dc load to the circuit, turn it on, and verify its
operation. Also, check for jitter at no load and full load.
DC Load Line Setting
3.
Measure the output voltage at no load (VNL). Verify that it
is within tolerance.
4.
Measure the output voltage at full load cold (VFLCOLD).
Let the board sit for ~10 minutes at full load, and then
measure the output (VFLHOT). If there is a change of more
than a few millvolts, adjust RCS1 and RCS2 using Equation 46
and Equation 48.
()
()
FLHOT
NL
FLCOLD
NL
OLD
CS2
NEW
CS2
V
V
V
V
R
R
−
−
×
=
(46)
5.
Repeat Step 4 until the cold and hot voltage measurements
remain the same.
6.
Measure the output voltage from no load to full load using
5 A steps. Compute the load line slope for each change, and
then average to get the overall load line slope (ROMEAS).
7.
If ROMEAS is off from RO by more than 0.05 mΩ, use
Equation 47 to adjust the RPH values.
()
()
O
OMEAS
OLD
PH
NEW
PH
R
R
R
R
×
=
(47)
8.
Repeat Step 6 and Step 7 to check the load line. Repeat
adjustments if necessary.
9.
When the dc load line adjustment is complete, do not
change RPH, RCS1, RCS2, or RTH for the remainder of the
procedure.
10. Measure the output ripple at no load and full load with
a scope and make sure it is within specifications.
()
()
(
)
()
(
)
(
)
()
()
()
(
)
()
()
C
25
C
25
C
25
C
25
1
1
°
°
°
°
−
−
×
−
+
×
+
=
TH
TH
OLD
CS1
NEW
CS2
OLD
CS1
TH
OLD
CS1
TH
OLD
CS1
NEW
CS1
R
R
R
R
R
R
R
R
R
R
(48)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com