Electronic Components Datasheet Search
  English  ▼

X  

ADP3192A Datasheet(PDF) 23 Page - Analog Devices

Part # ADP3192A
Description  8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3192A Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP3192A Datasheet HTML 19Page - Analog Devices ADP3192A Datasheet HTML 20Page - Analog Devices ADP3192A Datasheet HTML 21Page - Analog Devices ADP3192A Datasheet HTML 22Page - Analog Devices ADP3192A Datasheet HTML 23Page - Analog Devices ADP3192A Datasheet HTML 24Page - Analog Devices ADP3192A Datasheet HTML 25Page - Analog Devices ADP3192A Datasheet HTML 26Page - Analog Devices ADP3192A Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
ADP3192A
Rev. 0 | Page 23 of 32
()
⎟
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎜
⎝
⎛
−
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
Δ
Δ
+
×
×
≥
Z
VID
O
rl
O
O
MIN
X
C
V
I
V
R
n
I
L
C
Δ
(21)
() ≤
MAX
X
C
Z
O
V
VID
V
VID
V
2
O
2
C
L
nKR
V
V
t
V
V
R
nK
L
−
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎝
⎛
−
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
+
×
×
1
1
2
(22)
where
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
V
ERR
V
V
n
K
1
.
To meet the conditions of these equations and transient response,
the ESR of the bulk capacitor bank (RX) should be less than two
times the droop resistance (RO). If the CX(MIN) is larger than
CX(MAX), the system cannot meet the VID on-the-fly specification
and may require the use of a smaller inductor or more phases
(and may have to increase the switching frequency to keep the
output ripple the same).
This example uses 18, 10 μF 1206 MLC capacitors (CZ = 180 μF).
The VID on-the-fly step change is 450 mV in 230 μs with a
settling error of 2.5 mV. The maximum allowable load release
overshoot for this example is 50 mV. Therefore, solving for the
bulk capacitance yields the following:
()
mF
92
.
3
μF
180
V
3
.
1
A
100
mV
50
mΩ
0
.
1
4
A
100
nH
320
=
⎟⎟
⎟
⎟
⎟
⎟
⎠
⎞
⎜⎜
⎜
⎜
⎜
⎜
⎝
⎛
−
×
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
+
×
×
≤
MIN
X
C
()
()
mF
43.0
μF
180
1
nH
320
mV
450
Ω
m
0
1
2
5
4
V
3
1
μs
230
1
V
3
.
1
Ω
m
0
.
1
2
.
5
4
mV
450
nH
320
2
2
2
=
−
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎝
⎛
−
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
×
×
×
×
×
+
×
×
×
×
×
≤
.
.
.
C
MAX
X
where K = 5.2.
Using 10, 560 μF Al-Poly capacitors with a typical ESR of 6 mΩ
each yields CX = 5.6 mF with an RX = 0.6 mΩ.
One last check should be made to ensure that the ESL of the
bulk capacitors (LX) is low enough to limit the high frequency
ringing during a load change.
This is tested using
()
pH
0
24
3
4
mΩ
1
μF
180
2
=
×
×
≤
×
×
≤
X
2
2
O
Z
X
L
Q
R
C
L
(23)
where Q2 is limited to 4/3 to ensure a critically damped system.
In this example, LX is approximately 240 pH for the 10, Al-Poly
capacitors, which satisfies this limitation. If the LX of the chosen
bulk capacitor bank is too large, the number of ceramic capacitors
needs to be increased, or lower ESL bulks need to be used if
there is excessive undershoot during a load transient.
For this multimode control technique, all ceramic designs can
be used providing the conditions of Equation 20 through
Equation 23 are satisfied.
POWER MOSFETS
For this example, the N-channel power MOSFETs have been
selected for one high-side switch and two low-side switches per
phase. The main selection parameters for the power MOSFETs
are VGS(TH), QG, CISS, CRSS, and RDS(ON). The minimum gate drive
voltage (the supply voltage to the ADP3120A) dictates whether
standard threshold or logic-level threshold MOSFETs must be
used. With VGATE ~10 V, logic-level threshold MOSFETs
(VGS(TH) < 2.5 V) are recommended.
The maximum output current (IO) determines the RDS(ON)
requirement for the low-side (synchronous) MOSFETs. With
the ADP3192A, currents are balanced between phases, thus, the
current in each low-side MOSFET is the output current divided
by the total number of MOSFETs (nSF). With conduction losses
being dominant, Equation 24 shows the total power that is
dissipated in each synchronous MOSFET in terms of the ripple
current per phase (IR) and average total output current (IO).
()
()
SF
DS
SF
R
SF
O
SF
R
n
I
n
n
I
D
P
×
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
−
=
2
2
12
1
1
(24)
Knowing the maximum output current being designed for and
the maximum allowed power dissipation, the user can find the
required RDS(ON) for the MOSFET. For D-PAK MOSFETs up to
an ambient temperature of 50°C, a safe limit for PSF is 1 W to 1.5 W
at a 120°C junction temperature. Therefore, for this example
(119 A maximum), RDS(SF) (per MOSFET) < 7.5 mΩ. This RDS(SF)
is also at a junction temperature of about 120°C. As a result,
users need to account for this when making this selection. This
example uses two lower-side MOSFETs at 4.8 mΩ, each at 120°C.
Another important factor for the synchronous MOSFET is the
input capacitance and feedback capacitance. The ratio of the
feedback to input needs to be small (less than 10% is recom-
mended) to prevent accidental turn-on of the synchronous
MOSFETs when the switch node goes high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com