Electronic Components Datasheet Search
  English  ▼

X  

ADP3192A Datasheet(PDF) 22 Page - Analog Devices

Part # ADP3192A
Description  8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3192A Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP3192A Datasheet HTML 18Page - Analog Devices ADP3192A Datasheet HTML 19Page - Analog Devices ADP3192A Datasheet HTML 20Page - Analog Devices ADP3192A Datasheet HTML 21Page - Analog Devices ADP3192A Datasheet HTML 22Page - Analog Devices ADP3192A Datasheet HTML 23Page - Analog Devices ADP3192A Datasheet HTML 24Page - Analog Devices ADP3192A Datasheet HTML 25Page - Analog Devices ADP3192A Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
ADP3192A
Rev. 0 | Page 22 of 32
The two resistors RLL1 and RLL2 set up a divider between the
CSCOMP pin and CSREF pin. This resistor divider is input into
the LLSET pin to set the load line slope RO of the VR according
to the following equation:
CSA
LL
LL
LL
O
R
R
R
R
R
×
+
=
2
1
2
(14)
The resistor values for RLL1 and RLL2 are limited by two factors.
•
The minimum value is based upon the loading of the
CSCOMP pin. This pin’s drive capability is 500 μA, and the
majority of this should be allocated to the CSA feedback. If
the current through RLL1 and RLL2 is limited to 10% of this
drive capability (50 μA), the following limit can be placed
on the minimum value for RLL1 and RLL2:
6
2
1
10
50
−
×
×
≥
+
CSA
LIM
LL
LL
R
I
R
R
(15)
Here, ILIM is the current-limit current, which is the
maximum signal level that the CSA responds to.
•
The maximum value is based upon minimizing induced
dc offset errors based on the bias current of the LLSET pin.
To keep the induced dc error less than 1 mV, which makes
this error statistically negligible, place the following limit
on the parallel combination of RLL1 and RLL2:
9
3
2
1
2
1
10
120
10
1
−
−
×
×
≤
+
×
LL
LL
LL
LL
R
R
R
R
= 8.33 kΩ
(16)
Select minimum value resistors to reduce the noise and parasitic
susceptibility of the feedback path.
By combining Equation 16 with Equation 14 and selecting
minimum values for the resistors, the following equations result:
A
50
2
μ
×
=
O
LIM
LL
R
I
R
(17)
2
1
1
LL
O
CSA
LL
R
R
R
R
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
(18)
Therefore, both RLL1 and RLL2 need to be in parallel and less than
8.33 kΩ.
Another useful feature for some VR applications is the ability to
select different load lines. Figure 12 shows an optional MOSFET
switch that allows this feature. Here, design for RCSA = RO(MAX)
(selected with QLL on), and then use Equation 14 to set RO = RO(MIN)
(selected with QLL off).
For this design, RCSA = RO = 1 mΩ. As a result, connect LLSET
directly to CSCOMP; the RLL1 and RLL2 resistors are not needed.
OUTPUT OFFSET
The Intel specification requires that at no load, the nominal output
voltage of the regulator be offset to a value lower than the nominal
voltage corresponding to the VID code. The offset is set by a
constant current source flowing out of the FB pin (IFB) and flowing
through RB. The value of RB can be found using Equation 19.
FB
ONL
VID
B
I
V
V
R
−
=
Ω
k
00
.
1
μA
15
V
285
.
1
V
3
.
1
=
−
=
B
R
(19)
The closest standard 1% resistor value is 1.00 kΩ.
COUT SELECTION
The required output decoupling for the regulator is typically
recommended by Intel for various processors and platforms.
Use some simple design guidelines to determine the require-
ments. These guidelines are based on having both bulk
capacitors and ceramic capacitors in the system.
First, select the total amount of ceramic capacitance. This is
based on the number and type of capacitor to be used. The best
location for ceramic capacitors is inside the socket with 12 to 18,
1206 size being the physical limit. Other capacitors can be
placed along the outer edge of the socket as well.
To determine the minimum amount of ceramic capacitance
required, start with a worst-case load step occurring right after
a switching cycle stops. The ceramic capacitance then delivers
the charge to the load while the load is ramping up and until the
VR has responded with the next switching cycle.
Equation 20 gives the designer a rough approximation for
determining the minimum ceramic capacitance. Due to the
complexity of the PCB parasitics and bulk capacitors, the actual
amount of ceramic capacitance required can vary.
()
⎥
⎦
⎤
⎢
⎣
⎡
−
⎟
⎠
⎞
⎜
⎝
⎛ −
×
×
≥
R
O
SW
O
MIN
Z
S
I
D
n
f
R
C
2
Δ
1
1
1
(20)
The typical ceramic capacitors consist of multiple 10 μF or 22 μF
capacitors. For this example, Equation 20 yields 180.8 μF, therefore,
18, 10 μF ceramic capacitors suffice.
Next, an upper limit is imposed on the total amount of bulk
capacitance (CX) when the user considers the VID on-the-fly
voltage stepping of the output (voltage step VV in time tV with
error of VERR).
A lower limit is based on meeting the capacitance for load
release for a given maximum load step (ΔIO) and a maximum
allowable overshoot. The total amount of load release voltage
is given as ΔVO = ΔIO × RO + ΔVrl, where ΔVrl is the maximum
allowable overshoot voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com