Electronic Components Datasheet Search
  English  ▼

X  

ADP3192A Datasheet(PDF) 8 Page - Analog Devices

Part # ADP3192A
Description  8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3192A Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP3192A Datasheet HTML 4Page - Analog Devices ADP3192A Datasheet HTML 5Page - Analog Devices ADP3192A Datasheet HTML 6Page - Analog Devices ADP3192A Datasheet HTML 7Page - Analog Devices ADP3192A Datasheet HTML 8Page - Analog Devices ADP3192A Datasheet HTML 9Page - Analog Devices ADP3192A Datasheet HTML 10Page - Analog Devices ADP3192A Datasheet HTML 11Page - Analog Devices ADP3192A Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADP3192A
Rev. 0 | Page 8 of 32
Mnemonic
Description
Pin No.
19
OD
Output Disable Logic Output. This pin is actively pulled low when the EN input is low or when VCC is below its
UVLO threshold to signal to the driver IC that the driver high-side and low-side outputs should go low.
20
IREF
Current Reference Input. An external resistor from this pin to ground sets the reference current for IFB, IDELAY, ISS,
IILIMIT, and ITTSENSE.
21
IMON
Analog Output. Represents the total load current.
22 to 25
SW4 to SW1
Current Balance Inputs. Inputs for measuring the current level in each phase. The SW pins of unused phases
should be left open.
26
NC
No Connection.
27 to 30
PWM4 to PWM1
Logic-Level PWM Outputs. Each output is connected to the input of an external MOSFET driver such as the
ADP3120A. Connecting the PWM4 and PWM3 outputs to VCC causes that phase to turn off, allowing the
ADP3192A to operate as a 2-, 3-, or 4-phase controller.
31
VCC
Supply Voltage for the Device. A 340 Ω resistor should be placed between the 12 V system supply and the VCC
pin. The internal shunt regulator maintains VCC = 5 V.
32 to 39
VID7 to VID0
Voltage Identification DAC Inputs. These eight pins are pulled down to GND, providing a Logic 0 if left open. When
in normal operation mode, the DAC output programs the FB regulation voltage from 0.5 V to 1.6 V (see Table 4).
40
VIDSEL
VID DAC Selection Pin. The logic state of this pin determines whether the internal VID DAC decodes VID0 to
VID7 as extended VR10 or VR11 inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com