Electronic Components Datasheet Search
  English  ▼

X  

ADP3192A Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3192A
Description  8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3192A Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP3192A Datasheet HTML 3Page - Analog Devices ADP3192A Datasheet HTML 4Page - Analog Devices ADP3192A Datasheet HTML 5Page - Analog Devices ADP3192A Datasheet HTML 6Page - Analog Devices ADP3192A Datasheet HTML 7Page - Analog Devices ADP3192A Datasheet HTML 8Page - Analog Devices ADP3192A Datasheet HTML 9Page - Analog Devices ADP3192A Datasheet HTML 10Page - Analog Devices ADP3192A Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
ADP3192A
Rev. 0 | Page 7 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
EN
2
PWRGD
3
FBRTN
4
FB
5
COMP
6
SS
7
DELAY
8
VRFAN
9
VRHOT
10
TTSENSE
23
SW3
24
SW2
25
SW1
26
NC
27
PWM4
28
PWM3
29
PWM2
30
PWM1
22
SW4
21
IMON
TOP VIEW
(Not to Scale)
ADP3192A
NOTES
1. NC = NO CONNECT.
2. THE EXPOSED EPAD ON BOTTOM SIDE OF PACKAGE IS AN
ELECTRICAL CONNECTION AND SHOULD BE SOLDERED TO GROUND.
Figure 5. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
EN
Power Supply Enable Input. Pulling this pin to GND disables the PWM outputs and pulls the PWRGD output low.
2
PWRGD
Power-Good Output. Open-drain output that signals when the output voltage is outside of the proper
operating range.
3
FBRTN
Feedback Return. VID DAC and error amplifier reference for remote sensing of the output voltage.
4
FB
Feedback Input. Error amplifier input for remote sensing of the output voltage. An external resistor between
this pin and the output voltage sets the no load offset point.
5
COMP
Error Amplifier Output and Compensation Point.
6
SS
Soft Start Delay Setting Input. An external capacitor connected between this pin and GND sets the soft start
ramp-up time.
7
DELAY
Delay Timer Setting Input. An external capacitor connected between this pin and GND sets the overcurrent
latch-off delay time, boot voltage hold time, EN delay time, and PWRGD delay time.
8
VRFAN
VR Fan Activation Output. Open-drain output that signals when the temperature at the monitoring point
connected to TTSENSE exceeds the programmed VRFAN temperature threshold.
9
VRHOT
VR Hot Output. Open-drain output that signals when the temperature at the monitoring point connected to
TTSENSE exceeds the programmed VRHOT temperature threshold.
10
TTSENSE
VR Hot Thermal Throttling Sense Input. An NTC thermistor between this pin and GND is used to remotely sense
the temperature at the desired thermal monitoring point.
11
ILIMIT
Current-Limit Setpoint. An external resistor from this pin to GND sets the current-limit threshold of the converter.
12
RT
Frequency Setting Resistor Input. An external resistor connected between this pin and GND sets the oscillator
frequency of the device.
13
RAMPADJ
PWM Ramp Current Input. An external resistor from the converter input voltage to this pin sets the internal
PWM ramp.
14
LLSET
Output Load Line Programming Input. This pin can be directly connected to CSCOMP, or it can be connected to
the center point of a resistor divider between CSCOMP and CSREF. Connecting LLSET to CSREF disables positioning.
15
CSREF
Current Sense Reference Voltage Input. The voltage on this pin is used as the reference for the current sense
amplifier and the power-good and crowbar functions. This pin should be connected to the common point of
the output inductors.
16
CSSUM
Current Sense Summing Node. External resistors from each switch node to this pin sum the average inductor
currents together to measure the total output current.
17
CSCOMP
Current Sense Compensation Point. A resistor and capacitor from this pin to CSSUM determines the gain of the
current sense amplifier and the positioning loop response time.
18
GND
Ground. All internal biasing and the logic output signals of the device are referenced to this ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com