Electronic Components Datasheet Search
  English  ▼

X  

KB22 Datasheet(PDF) 40 Page - Jonard Tools.

Part # KB22
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

KB22 Datasheet(HTML) 40 Page - Jonard Tools.

Back Button KB22 Datasheet HTML 36Page - Jonard Tools. KB22 Datasheet HTML 37Page - Jonard Tools. KB22 Datasheet HTML 38Page - Jonard Tools. KB22 Datasheet HTML 39Page - Jonard Tools. KB22 Datasheet HTML 40Page - Jonard Tools. KB22 Datasheet HTML 41Page - Jonard Tools. KB22 Datasheet HTML 42Page - Jonard Tools. KB22 Datasheet HTML 43Page - Jonard Tools. KB22 Datasheet HTML 44Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
INDUSTRIES CORP.
40
TELECOMMUNICATION TOOLS
24 INCH LONG #3 PHILLIPS HEAD SCREWDRIVER
This 24" long #3 Phillips Head Screwdriver is designed
for use when you need an extra long screwdriver to
reach the diodes in back of the various rectifiers. Made
of chrome vanadium steel with a matte finish and a
custom ergonomic tri-color handle.
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
SD-243
#3 Philips Head Screwdriver 24” long
SSB
B--22222244
SSB
B--22442266
SSB
B--22883300
W
WIIR
REE SSTTR
RIIPPPPEER
R &
& C
CU
UTTTTEER
R
The latest development in wire stripping & cutting.
Simply place the wire in the stripping slot. Squeeze
and pull. The wire is stripped and cut to the exact
length required. Comes with cushioned ergonomic
grips, interchangeable blades 22-24 AWG and 24-
26 AWG. Supplied assembled.
JJIIC
C--44447733
SSD
D--224433
LLA
AM
MPP EEX
XTTR
RA
AC
CTTO
OR
R
Mechanical type extractor used to
remove or insert miniature lamps
with bayonnet type bases in panels
and switchboards by firmly and
gently grasping lamps. Grasp lever
includes a return spring for fast lamp
insertion and removal. Lamp grasp
is limited to 5/16" to prevent shorts.
Handle diameter 1/2”. 4” long.
W
WIIR
REE EEX
XTTR
RA
AC
CTTO
OR
R
Metal tool with insulated handle to
remove wire from quick-connect
clips and 66 & 110 terminal blocks.
3/16" diameter with a .052" slot
width. 5 1/2" long.
SS--333399
M
M--772244A
A
TT K
KEEY
Y TTO
OO
OLL
Pay telephone Tool
The key is used to release the housing and door locking
mechanism of the no. 1A type coin telephone sets 2 1/2” long.
C
CO
OIIN
N LLEEV
VEELLIIN
NG
G TTO
OO
OLL
Pay telephone Tool
Tool used for leveling coins in
coin collectors when the coin
receptacle becomes so full as to
interfere with operation of the
collector. May also be used to
measure the degree of fullness
by means of a calibrated scale
and metal slider. 7" long.
JJIIC
C--771199A
A
JJIIC
C--113399B
B
SCREWDRIVER, JEWELER'S TYPE
Used to terminate the battery back up
in the fiber ONT. Screwdriver has
concaved swivel knob to fit the finger
and hexagonal shape to prevent
rolling. Solid blade made of high
quality hardened tool steel. .100"
blade width. 4” long.
SSD
D--6633
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
SD-63
Jeweler’s Screwdriver
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
SS--333399
Lamp Extractor
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
JJIIC
C--113399B
B
Coin Leveling Tool
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
M
M--772244A
A
Wire Extractor
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
JJIIC
C--771199A
A
T Key Tool
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
JJIIC
C--44447733 Wire Stripper & Cutter
SSB
B--22222244 Replacement Blade 22-24 AWG
SSB
B--22442266 Replacement Blade 24-26 AWG
SSB
B--22442266 Replacement Blade 24-26 AWG
SSB
B--22883300 Replacement Blade 28-30 AWG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com