Electronic Components Datasheet Search
  English  ▼

X  

KB22 Datasheet(PDF) 11 Page - Jonard Tools.

Part # KB22
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

KB22 Datasheet(HTML) 11 Page - Jonard Tools.

Back Button KB22 Datasheet HTML 7Page - Jonard Tools. KB22 Datasheet HTML 8Page - Jonard Tools. KB22 Datasheet HTML 9Page - Jonard Tools. KB22 Datasheet HTML 10Page - Jonard Tools. KB22 Datasheet HTML 11Page - Jonard Tools. KB22 Datasheet HTML 12Page - Jonard Tools. KB22 Datasheet HTML 13Page - Jonard Tools. KB22 Datasheet HTML 14Page - Jonard Tools. KB22 Datasheet HTML 15Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
INDUSTRIES CORP.
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
3” B I T S A N D S L E E V E S C H A R T METRIC
BITS & SLEEVES WIRE WRAPPING
Fully compatible with any make or model wire wrapping tool. Modified bits provide 1 1/2–2 turns of insulation.
11
*These tools are recommended for .025" square terminals on .100” center to center of the pins
† Provides 2.5 turns of insulation
Maximum
Minimum
Maximum
Terminal
Terminal
Wire
Bit
Sleeve
Insulation
Terminal
Terminal
Hole
Effective
Hole
Gauge
Regular
Modified
Part No.
Part No.
Diameter
Diagonal
Diagonal
Depth
Radius
Diameter
mm
mm
mm
mm
mm
mm
mm
1.00
G
KB18
P194LN
1.52
1.85
25.40
3.81
1.90
0.80
G
WB20M
P194LN
1.50
1.07
1.85
25.40
3.81
1.90
0.65-0.80
G
KB2075
P2224
–
1.07
1.85
25.40
3.12
1.90
0.65
G
KB22
P2224
–
1.37
1.85
19.05
2.97
1.90
0.65
G
WB2275M
P2224
1.32
1.24
1.87
25.40
3.35
1.90
0.50-0.65
G
KB224LH
P2224
–
1.54
2.15
25.40
2.97
2.18
0.50-0.65
G
KB224-1
P2224
–
1.37
1.85
25.40
2.82
1.90
0.50-0.65
G
KB224
P2224
–
1.37
1.85
20.50
2.82
1.90
0.50-0.65
G
WB224M
P2224
1.27
1.24
1.87
31.75
3.07
1.90
0.50
G
WB24DH
P2224
1.17
1.37
1.85
44.50
2.97
1.90
0.50
G
KB24
P2426
–
1.39
1.87
19.05
2.54
1.90
0.50
G
WB24SM*
P3032LN
1.11
0.60
1.09
19.05
2.48
1.11
0.40-0.50
G
WB2426M
P2224
1.17
1.37
1.85
19.05
2.99
1.90
0.40
G
KB26
P2426
–
1.47
1.85
25.40
2.54
1.90
0.40
G
WB26SM*
P26LN
0.79
0.58
0.96
19.05
1.90
1.02
0.40
G
WB26M
P2224
1.17
1.37
1.85
25.40
2.99
1.90
0.40
G
WB2644M*
P3032LN
1.17
0.60
1.09
19.05
2.48
1.11
0.40
G
WB2669M
P2426
1.04
1.34
1.72
25.40
2.77
1.75
0.32
G
WB2870M
P2426
0.86
1.35
1.72
25.40
2.61
1.78
0.32
G
WB28SHM*
P3032
0.76
0.79
0.89
19.05
1.67
0.91
0.25
G
SB30MSH-B*
P3032
0.69
0.79
0.89
19.05
1.62
0.91
0.25
G
SB30MMK*
P3032
0.58
0.79
0.89
19.05
1.62
0.91
0.20-0.25
G
WB3032M*
P3032
0.69
0.86
0.96
19.05
1.62
1.02
30-32
G
WB3032MIL†
P3032
0.69
0.86
0.96
19.05
1.62
1.02
0.20-0.25
G
KB3032
P3032
-
0.86
0.96
19.05
1.62
1.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com