Electronic Components Datasheet Search
  English  ▼

X  

KB22 Datasheet(PDF) 5 Page - Jonard Tools.

Part # KB22
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

KB22 Datasheet(HTML) 5 Page - Jonard Tools.

  KB22 Datasheet HTML 1Page - Jonard Tools. KB22 Datasheet HTML 2Page - Jonard Tools. KB22 Datasheet HTML 3Page - Jonard Tools. KB22 Datasheet HTML 4Page - Jonard Tools. KB22 Datasheet HTML 5Page - Jonard Tools. KB22 Datasheet HTML 6Page - Jonard Tools. KB22 Datasheet HTML 7Page - Jonard Tools. KB22 Datasheet HTML 8Page - Jonard Tools. KB22 Datasheet HTML 9Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
INDUSTRIES CORP.
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
PTX SERIES ELECTRIC
W I R E W R A P P I N G
& UNWRAPPING TOOLS
FSK-1
FSK-2
Catalog Number
FS-G-RG1
FS-G-RG2
FS-G-RG3
FS-G-RG4
FS-G-RG5
FS-G-RG6
FS-G-RG7
FS-G-RG8
FS-G-RG10
FS-G-RG15
Part No.
Description
Weight
Voltage
RPM
PTX-1
Electric Wrap/Unwrap Tool - 115V
2.0 lb.
115V
3700
PTX-1BF
Electric Wrap/Unwrap Tool w/Backforce - 115V
2.0 lb.
115V
3700
PTX-2
Electric Wrap/Unwrap Tool - 230V
2.2 lb.
230V
4200
PTX-2BF
Electric Wrap/Unwrap Tool w/Backforce - 230V
2.2 lb.
230V
4200
PTX-48
Electric Wrap/Unwrap Tool - 48V
2.0 lb.
48V
3700
The Patented PTX Series Wire Wrapping Tools from OK
Industries bring revolutionary new benefits to
installers, telecom technicians and other users. With
worker safety in mind, we consulted a certified
ergonomist and created an ergonomic tool, which
includes a lightweight, well-balanced construction,
dual-finger short-throw trigger, and a long handle to
mitigate pressure on the palm. These features help to
prevent repetitive stresses and result in an industry-leading
design from a comfort and safety standpoint. Ask for the
PTX Series Wire Wrapping Tools from OK Industries — and
arm your workers with the tools that offer efficiency
and worker safety in your interconnect activity.
KEY FEATURES
ACCESSORIES
ORDERING I N F O R M A T I O N A N D P R O D U C T S P E C I F I C A T I O N S
I
DFB224 Wrap/Unwrap Bit & Sleeve Set
I
DFB2426Wrap/Unwrap Bit & Sleeve Set
I
H-1000 Cordura Tool Pouch
High Power Motor
Reverses for
Unwrapping
Permanently
Attached
Collet Nut
Ergonomic,
Rugged
Tool Design
Wrap
Unwrap
Switch
I
Ergonomic Design — Minimizes Repetitive Stress
I
A 20’ Long Power cord
I
Rugged Construction
I
Wraps and Unwraps 18 to 30 AWG Wire
I
Rated Maximum Usage: 2,500 cycles/day
I
For Bits & Sleeves: see Pages 7, 10-12
H-1000
5
PATENTED
DFB224



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com