Electronic Components Datasheet Search
  English  ▼

X  

KB22 Datasheet(PDF) 31 Page - Jonard Tools.

Part # KB22
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

KB22 Datasheet(HTML) 31 Page - Jonard Tools.

Back Button KB22 Datasheet HTML 27Page - Jonard Tools. KB22 Datasheet HTML 28Page - Jonard Tools. KB22 Datasheet HTML 29Page - Jonard Tools. KB22 Datasheet HTML 30Page - Jonard Tools. KB22 Datasheet HTML 31Page - Jonard Tools. KB22 Datasheet HTML 32Page - Jonard Tools. KB22 Datasheet HTML 33Page - Jonard Tools. KB22 Datasheet HTML 34Page - Jonard Tools. KB22 Datasheet HTML 35Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
31
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
INDUSTRIES CORP.
JONARD
P/N
DESCRIPTION
JIC-125
Fiber Optic Stripper
JJIIC
C--112255
JJIIC
C--337755
CATV & FIBER OPTIC TOOLS
JONARD
P/N
DESCRIPTION
JIC-175
Fiber Optic Stripper Ergonomic
JONARD
P/N
DESCRIPTION
JIC-375 Fiber Optic Stripper- 3 Hole
FIBER OPTIC STRIPPER
For stripping 250 micron buffer coating from
125 micron optical fiber. Preset at the factory so
no adjustments are necessary. Yellow plastic
dipped handles 5 3/16” long
ERGONOMIC FIBER OPTIC STRIPPER
Used for stripping the 250 micron coating from
the 125 micron optical fiber.
Preset at the factory so no adjustments are
necessary.
Yellow plastic formed handles, tool is 6” long.
FIBER OPTIC STRIPPER THREE HOLE
Three hole Fiber Optic Stripper
performs all common fiber stripping
functions.
Strips the 1.6-3 mm fiber jacket down
to the 900 micron buffer coating. The
second hole strips the 600-900 micron
buffer coating down to the 250
micron coating and the third hole is
used to strip the 250 micron cable
down to the 125 micron glass fiber.
JIC-375 is 6” long.
JJIIC
C--117755



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com