Electronic Components Datasheet Search
  English  ▼

X  

KB22 Datasheet(PDF) 12 Page - Jonard Tools.

Part # KB22
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

KB22 Datasheet(HTML) 12 Page - Jonard Tools.

Back Button KB22 Datasheet HTML 8Page - Jonard Tools. KB22 Datasheet HTML 9Page - Jonard Tools. KB22 Datasheet HTML 10Page - Jonard Tools. KB22 Datasheet HTML 11Page - Jonard Tools. KB22 Datasheet HTML 12Page - Jonard Tools. KB22 Datasheet HTML 13Page - Jonard Tools. KB22 Datasheet HTML 14Page - Jonard Tools. KB22 Datasheet HTML 15Page - Jonard Tools. KB22 Datasheet HTML 16Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
The insulated sleeves are covered with a material that
provides 1000V dielectric strength which helps to prevent
shorting between pins and enhances worker safety.
SPECIALIZED BITS & SLEEVES
3 ” B i t s a n d I n s u l a t e d S l e e v e s
5 ” B i t s a n d S l e e v e s ( E x t e n d e d L e n g t h )
I n s u l a t e d a n d N o n I n s u l a t e d S l e e v e s
Minimum
Maximum
Terminal
Terminal
Bit
Sleeve
Wire Size
Regular
Terminal
Terminal
Hole
Effective
Hole
Part No.
Part No.
Diagonal
Diagonal
Depth
Radius
Diameter
AWG
mm
In.
mm
In.
mm
In.
mm
In.
mm
In.
mm
KB22
P2224INS
22
0.65
G
.054
1.37
.073
1.85
.750
19.05
.117
2.97
.075 1.90
KB224
P2224INS
22-24 0.50-0.65
G
.054
1.37
.073
1.85
.807
20.50
.111
2.82
.075 1.90
KB24
P2426INS
26
0.50
G
.055
1.39
.074
1.87
.750
19.05
.100
2.54
.075 1.90
KB26
P2426INS
26
0.40
G
.058
1.47
.073
1.85
1.000
25.40
.100
2.54
.075 1.90
KB3032
P3032INS
30-32
0.32
G
.034
0.86
.038
0.96
0.750
19.05
.064
1.62
.040 1.02
Insulated
Uninsulated
Minimum
Maximum
Terminal
Terminal
Bit
Sleeve
Sleeve
Wire Size
Regular
Terminal
Terminal
Hole
Effective
Hole
Part No.
Part No.
Part No.
Diagonal
Diagonal
Depth
Radius
Diameter
AWG mm
In.
mm
In.
mm
In.
mm
In.
mm
In.
KB22-5
P2224-5INS
P2224-5
22
0.65
G
.054
1.37
.073
1.85
.750 19.05
.117
2.97
.075
1.90
KB24-5
P2426-5INS
P2426-5
24
0.50
G
.055
1.39
.073
1.85
.750 19.05
.100
2.54
.075 1.90
KB26-5
P2426-5INS
P2426-5
26
0.40
G
.058
1.47
.073
1.85
.750 19.05
.100
2.54
.075 1.90
These bits and sleeves are designed for wire wrapping in
areas requiring deep penetration. Their 5" (127mm)
length ensures “true” connections in hard-to-get-at
locations. Available with or without insulation.
Enjoy the convenience of pre-assembled sets with
insulated color-coded sleeves for easy identification of
wire sizes based on color.
P2426-5INS
KB24-5
3 ” B i t & S l e e v e S e t s W ith
I n s u l a t e d C o l o r C o d e d S l e e v e s
Sleeve
Maximum
Minimum
Maximum
Terminal
Terminal
Bit
Part No.
Wire Size
Regular
Modified
Insulation
Terminal
Terminal
Hole
Effective
Hole
Part No. Color
Diameter
Diagonal
Diagonal
Depth
Radius
Diameter
AWG
mm
In.
mm
In.
mm
In.
mm
In.
mm
In. mm
In. mm
KB22
P2224INS
22
0.65
G
–
–
.054
1.37
.073
1.85
.750 19.05 .117 2.97
.075
1.90
Blue
KB224
P2224INS
22-24 0.65-0.50
G
–
–
.054
1.37
.073
1.85
.807 20.05 .111 2.82
.075
1.90
Blue
KB24
SW-2426
24
0.50
G
–
–
.055
1.39
.074
1.87
.750 19.05 .100 2.54
.075
1.90
Yellow
KB26
P2426-G-INS 26
0.40
G
–
–
.058
1.47
.073
1.85 1.000 25.40 .100 2.54
.075
1.90
Green
WB26SM P26LN-R-INS 26
0.40
G
.031
0.79
.023
0.58
.038
0.96
.750 19.05 .750 1.90
.040
1.02
Red
Kit
Number
KT22B
KT224B
KT24Y
KT26G
KT26R
12
KB22
P2224INS
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com