Electronic Components Datasheet Search
  English  ▼

X  

KB22 Datasheet(PDF) 35 Page - Jonard Tools.

Part # KB22
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

KB22 Datasheet(HTML) 35 Page - Jonard Tools.

Back Button KB22 Datasheet HTML 31Page - Jonard Tools. KB22 Datasheet HTML 32Page - Jonard Tools. KB22 Datasheet HTML 33Page - Jonard Tools. KB22 Datasheet HTML 34Page - Jonard Tools. KB22 Datasheet HTML 35Page - Jonard Tools. KB22 Datasheet HTML 36Page - Jonard Tools. KB22 Datasheet HTML 37Page - Jonard Tools. KB22 Datasheet HTML 38Page - Jonard Tools. KB22 Datasheet HTML 39Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
INDUSTRIES CORP.
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
CATV & FIBER OPTIC TOOLS
JJIIC
C--11002222
JONARD
P/N
DESCRIPTION
JIC-4366
Optical Fiber Sheath Stripper
& Ring Tool
R
RB
B--22006600//66
Pkg. of 6 Replacement Blades for
ring feature of tool
R
RB
B--22887788//66
Pkg. 6 replacement blades for
stripper feature of tool
JONARD
P/N
DESCRIPTION
JIC-1022
Fiber Jacket Stripper
FIBER JACKET STRIPPER
The Wire Stripper and Cutter is designed to strip and
cut the most commonly used stranded and solid wire
gauges 10 to 22 AWG and 1.6-3 mm fiber jackets.
OPTICAL FIBER CABLE SHEATH STRIPPER &
RING TOOL
Used for stripping and butting tight buffer optical
fiber cables. Use one blade to butt PVC sheathing
and use the second blade to strip the sheathing.
Adjustable for .018” or .031” thick plastic, rubber
or fabric insulation. Also known as CT2860.
R
RB
B--22887788
R
RB
B--22006600
35
JJIIC
C--44336666
THERMAL FIBER OPTIC STRIPPER FIXED BLADE
Thermo-mechanically remove coatings from
optical fibers. High strength thermal stripper
supports standard 125µm optical fibers, including
250 µm, 400 µm, and 900 µm coated fibers. The
heater is adjustable to 200°C and facilitates
stripping difficult and baked-on coatings.
Adjustable temperature and time settings to
adapt to a variety of different coatings. Compact
design, weighs less than a pound. Includes A/C
power supply, cord and cleaning brush. Platforms
supplied separately.
THERMAL FIBER OPTIC STRIPPER ADJUSTABLE
BLADE
Thermo-mechanically remove coatings from
optical fibers. High strength thermal stripper with
adjustable stripping blade, which supports
cladding diameters 40µm to 600 µm acrylate
coated fibers with buffer diameters up to 1200
µm. The heater is adjustable to 200°C and
facilitates stripping difficult and baked-on
coatings. Adjustable temperature and time
settings to adapt to a variety of different
coatings. Compact design, weighs less than a
pound. Includes A/C power supply, cord and
cleaning brush. Platforms supplied separately.
For Fitel, Fujikura and Ericsson fiber holders use the
corresponding platforms, for LDF and all others without
fiber holders use the Jonard Universal Clamp.
JONARD
P/N
DESCRIPTION
TSFB-125
Thermal Stripper Fixed Blade
TSAB-40
Thermal Stripper Adjustable Blade
JONARD
P/N
DESCRIPTION
TSPE-125
Ericsson Style Platform
TSPF-125
Fitel/Fujikura Style Platform
TSUC-40
Universal Clamp
TTSSA
AB
B--4400
TTSSPPEE--112255
TTSSPPFF--112255
TTSSU
UC
C--4400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com