Electronic Components Datasheet Search
  English  ▼

X  

KB22 Datasheet(PDF) 34 Page - Jonard Tools.

Part # KB22
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

KB22 Datasheet(HTML) 34 Page - Jonard Tools.

Back Button KB22 Datasheet HTML 30Page - Jonard Tools. KB22 Datasheet HTML 31Page - Jonard Tools. KB22 Datasheet HTML 32Page - Jonard Tools. KB22 Datasheet HTML 33Page - Jonard Tools. KB22 Datasheet HTML 34Page - Jonard Tools. KB22 Datasheet HTML 35Page - Jonard Tools. KB22 Datasheet HTML 36Page - Jonard Tools. KB22 Datasheet HTML 37Page - Jonard Tools. KB22 Datasheet HTML 38Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
EESS--11996644
JJIIC
C--118866
CATV & FIBER OPTIC TOOLS
JONARD
P/N
DESCRIPTION
JIC-186
Wire & Kevlar Cutting Shears
ERGONOMIC FIBER OPTIC KEVLAR®
CUTTER
High carbon stainless steel blades designed to
cut Kevlar®, cabling insulation, tape, cable
ties and other material.
Ergonomic handles for user comfort and
durability. Adjustable joint screw under
protective cap, serrated blades grip material,
sharp and durable 6” long.
JONARD
P/N
DESCRIPTION
ES-1964
Electrician Scissors
ELECTRICIAN SCISSORS
The Electrician Scissors are designed for heavy
duty use.
Made of high carbon steel with a special
hardening process for greater durability and
nickel plated for that professional look.
Notched to strip 19 and 23 AWG wire and
one blade is serrated. A scraper and file are
on the back of the blade.
UNIVERSAL CRIMPER
This fully ratcheted crimper offers exceptional
performance. Designed for minimal closing force (higher
crimp force produced with lower hand force), plus there
is no break-over hand force making the last click easily
achievable. The head is angled to lessen the need to
bend the wrist awkwardly, die changes are made quickly
and easily, ergonomic handles are dual component with
a soft rubber insert plus the tool includes a built in
safety release mechanism. Very durable steel housing
accommodates both Fiber Optic and Coax dies.
U
UC
C--88000000
U
UC
CD
D--22668855
U
UC
CD
D--22004455
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
UC-8000
Universal Crimper
UC-8012
Universal Crimper with COAX Die
UC-8039
Universal Crimper with Fiber Optic Die
UCD-2045
Coax Crimping Die
U
U
CD-2685
Fiber Optic Crimping Die
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
KN-7
Cable Splicing Knife
34
CABLE SPLICING KNIFE
The tough cutlery steel blade is extremely sharp
and cuts easily through many types of
insulation. It hold its edge with repeated use
and features a non-slip easy grip handle for
better control and reduced hand fatigue. Blade
length is 1 3/4” and overall length is 6 1/4”
K
KN
N--77
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
INDUSTRIES CORP.
JJO
ON
NA
AR
RD
D
PP//N
N
SSPPEEC
CIIFFIIC
CA
ATTIIO
ON
NSS
C
CA
AB
BLLEE SSIIZZEE
UCD-2685 Fiber
.151”/.178”/.134”/.139”/.190”
Fiber Optic ST, SC, LC
Optic
3.84mm/4.52mm/3.40mm/3.53mm Connectors
4.83mm
UCD-2045 COAX
.068”/.262”/.324”/.360”
CATV “F” Connectors
1.73mm/6.65mm/8.23mm/9.14mm RG59/RG6
.178
.139
.151
.134
.190



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com