Electronic Components Datasheet Search
  English  ▼

X  

KB22 Datasheet(PDF) 36 Page - Jonard Tools.

Part # KB22
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

KB22 Datasheet(HTML) 36 Page - Jonard Tools.

Back Button KB22 Datasheet HTML 32Page - Jonard Tools. KB22 Datasheet HTML 33Page - Jonard Tools. KB22 Datasheet HTML 34Page - Jonard Tools. KB22 Datasheet HTML 35Page - Jonard Tools. KB22 Datasheet HTML 36Page - Jonard Tools. KB22 Datasheet HTML 37Page - Jonard Tools. KB22 Datasheet HTML 38Page - Jonard Tools. KB22 Datasheet HTML 39Page - Jonard Tools. KB22 Datasheet HTML 40Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
INDUSTRIES CORP.
36
CATV TOOLS
HOLLOW SHAFT NUT
DRIVERS
These are full length hollow
shaft nut drivers intended
for working with long bolts.
They are designed with
cushion gripped ergonomic
color coded handles.
Handles provide greater
torque and user comfort.
Overall length 7”
COAXIAL CABLE STRIPPER
The CCS-1 strips coaxial cables for video installations. The black
cartridge is used to strip RG59, RG6 & RG Quad coaxial cables. The
gray cartridge strips RG7 & RG11 coaxial cables. The stop provides a
pre-measured device for stripping the exact length you need, and
the stripper has a convenient holder for the second cartridge giving
you maximum flexibility. Both cartridges perform a 2-level strip for
“F” Connector termination.
JONARD
P/N
DESCRIPTION
ND-631
Nut Driver Set – 7 Piece 3/16”, 1/4”,
`
5/16”, 11/32”, 3/8”, 7/16” & 1/2”
ND-630316
Nut Driver 3/16” (Black)
ND-63014
Nut Driver 1/4” (Red)
ND-630516
Nut Driver 5/16” (Yellow)
ND-6301132
Nut Driver 11/32” (Green)
ND-63038
Nut Driver 3/8” (Blue)
ND-630716
Nut Driver 7/16” (Brown)
ND-63012
Nut Driver 1/2” (Red)
N
ND
D--663311
R
RFF--1122
F CONNECTOR TOOL
Designed to provide easy access to connectors
in high-density locations. The head measures
7/16” and is used specifically for “F”
connectors. The socket extends 8” from the
handle, the overall length is 12” and the back
of the handle has an insertion device to aid in
making connections.
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
RF-12
F Connector Tool
BNC CONNECTOR TOOL
Designed to provide easy access to connectors in
high density locations. The head is formed
specifically for BNC connectors. The socket
extends 8” from the handle and the overall
length is 12”.
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
RBNC-12
BNC Connector tool
R
RB
BN
NC
C--1122
C
CC
CSS--11
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
CCS-1
Coaxial Cable Stripper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com