Electronic Components Datasheet Search
  English  ▼

X  

KB22 Datasheet(PDF) 38 Page - Jonard Tools.

Part # KB22
Description  Tools for Telecom, Fiber Optics, CATV,Wireless and Electronics Industries
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JONARD [Jonard Tools.]
Direct Link  https://jonard.com/
Logo JONARD - Jonard Tools.

KB22 Datasheet(HTML) 38 Page - Jonard Tools.

Back Button KB22 Datasheet HTML 34Page - Jonard Tools. KB22 Datasheet HTML 35Page - Jonard Tools. KB22 Datasheet HTML 36Page - Jonard Tools. KB22 Datasheet HTML 37Page - Jonard Tools. KB22 Datasheet HTML 38Page - Jonard Tools. KB22 Datasheet HTML 39Page - Jonard Tools. KB22 Datasheet HTML 40Page - Jonard Tools. KB22 Datasheet HTML 41Page - Jonard Tools. KB22 Datasheet HTML 42Page - Jonard Tools. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
Phone: (914) 793-0700 • Fax: (914) 793-4527 • sales@jonard.com
134 Marbledale Road, Tuckahoe, NY 10707
• www.jonard.com
INDUSTRIES CORP.
INDUSTRIES CORP.
38
CAN, BOOTH, LINESMAN WRENCHES
C
CA
AN
N SSO
OC
CK
KEETT W
WR
REEN
NC
CH
H
Double end can socket wrench, 3/8" and 7/16"
hex, orange plastic handle in either our
standard or ergonomic design. Used in placing
fuses in cable terminals and connecting wires to
fuses and binding posts.
The walls on both sockets are thin enough so
they can be used to work locking
devices on most terminals and cabinets. 7" long.
M
M--221166C
C//R
RX
X
M
M--221166C
CSS2222
M
M--221166C
C//EEX
X
M
M--221166C
C//R
REEX
X
LLIIN
NEEM
MA
AN
N’’SS B
B W
WR
REEN
NC
CH
H
Forged and heat treated, this wrench is used
on pole line hardware. It is open-end double-
end type with two sizes of openings at each
end and an oval hole for turning pole steps.
The end openings accommodate nuts for
3/8”, 1/2”, 5/8” and 3/4” bolts and the head
of the 1/2” drive screw. The faces of the
wrench openings are offset to provide handle
clearance. 13” Long.
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
JJIIC
C--665500
Lineman’s B Wrench
JJIIC
C--665500
B
BO
OO
OTTH
H W
WR
REEN
NC
CH
H
Tamperproof hex screwdriver, also known as
a booth wrench or security wrench.
It features a 1" diameter screwdriver handle,
5/32" hex shaft with a hole drilled in the tip
for use with security tamperproof screws
used for telephone and CATV applications.
BW-532 Booth Wrench is 9" long and the
BW-532-3 Booth Wrench is 6" long.
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
BW-532
Booth Wrench -Ergonomic design 9”
BW-532-3
Booth Wrench -Ergonomic design 6”
B
BW
W--553322
B
BW
W--553322--33
JJO
ON
NA
AR
RD
D
PP//N
N
D
DEESSC
CR
RIIPPTTIIO
ON
N
M-216C/EX
Ergonomic 1” Dia. Handle,
Hex Outer Socket
M-216C/REX
Ergonomic 1” Dia. Handle,
Round Outer Socket
M-216C/RX
Standard Handle,
Round Outer Socket
M-216CS22
Ergonomic 1” Dia. Handle, Hex Outer
Socket with 22 AWG Stripper Blade



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com